전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58PR512J 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 M58PR512J
상세설명  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J 데이터시트(HTML) 4 Page - STMicroelectronics

  M58PR512J Datasheet HTML 1Page - STMicroelectronics M58PR512J Datasheet HTML 2Page - STMicroelectronics M58PR512J Datasheet HTML 3Page - STMicroelectronics M58PR512J Datasheet HTML 4Page - STMicroelectronics M58PR512J Datasheet HTML 5Page - STMicroelectronics M58PR512J Datasheet HTML 6Page - STMicroelectronics M58PR512J Datasheet HTML 7Page - STMicroelectronics M58PR512J Datasheet HTML 8Page - STMicroelectronics M58PR512J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 114 page
background image
Contents
M58PR256J, M58PR512J
4/114
5.5
Program methods . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
5.6
Single Word Program method . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
5.7
Buffer Program method . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
5.8
Buffer Enhanced Factory Program method . . . . . . . . . . . . . . . . . . . . . . . 44
6
Status Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
6.1
Control Program Mode status bit (SR9) . . . . . . . . . . . . . . . . . . . . . . . . . . 45
6.2
Object Program Mode status bit (SR8) . . . . . . . . . . . . . . . . . . . . . . . . . . 46
6.3
Program/Erase Controller status bit (SR7) . . . . . . . . . . . . . . . . . . . . . . . . 46
6.4
Erase Suspend status bit (SR6) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
6.5
Erase status bit (SR5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
6.6
Program status bit (SR4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
6.7
VPP status bit (SR3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
6.8
Program Suspend status bit (SR2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
6.9
Block Protection status bit (SR1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
6.10
Bank Write/Multiple Word Program status bit (SR0) . . . . . . . . . . . . . . . . 48
7
Configuration Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
7.1
Read Select bit (CR15) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
7.2
X-Latency bits (CR14-CR11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
7.3
Wait Polarity bit (CR10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
7.4
Wait Configuration bit (CR8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
7.5
Burst length bits (CR2-CR0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
8
Enhanced Configuration Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
8.1
Deep Power-Down Mode bit (ECR15) . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
8.2
Deep Power-Down Polarity bit (ECR14) . . . . . . . . . . . . . . . . . . . . . . . . . . 55
8.3
Output Driver Control bits (ECR2-ECR0) . . . . . . . . . . . . . . . . . . . . . . . . . 55
9
Extended Flash Array (EFA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
10
Read modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
10.1
Asynchronous Read mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
10.2
Synchronous Burst Read mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
10.3
Single Synchronous Read mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More