| 전자부품 데이터시트 검색엔진 |
|
800.SC02804 데이터시트(PDF) 2 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
800.SC02804 데이터시트(HTML) 2 Page - France Joint |
|
2 / 3 page ![]() www.francejoint.com 10° C L1 | DIMENSIONS Part number Bore diameter ØD1 H8 Groove width L1 0/+0.50 800.SC01005 10.00 5.00 800.SC01205 12.00 5.00 800.SC01304 13.00 4.00 800.SC01404 14.00 4.00 800.SC01604 16.00 4.00 800.SC01704 17.00 4.00 800.SC01804 18.00 4.00 800.SC01907 19.00 7.00 800.SC02004 20.00 4.00 800.SC02007 20.00 7.00 800.SC02204 22.00 4.00 800.SC02205 22.00 5.00 800.SC02207 22.00 7.00 800.SC02407 24.00 7.00 800.SC02505 25.00 5.00 800.SC02506 25.00 6.00 800.SC02507 25.00 7.00 800.SC02604 26.00 4.00 800.SC02804 28.00 4.00 800.SC02805 28.00 5.00 800.SC02807 28.00 7.00 800.SC02907 29.00 7.00 800.SC03004 30.00 4.00 800.SC03005 30.00 5.00 800.SC03006 30.00 6.00 800.SC03008 30.00 8.00 800.SC03205 32.00 5.00 800.SC03207 32.00 7.00 800.SC03208 32.00 8.00 800.SC03408 34.00 8.00 800.SC03505 35.00 5.00 800.SC03507 35.00 7.00 800.SC03508 35.00 8.00 800.SC03606 36.00 6.00 800.SC03705 37.00 5.00 800.SC03707 37.00 7.00 800.SC03710 37.00 10.00 800.SC03807 38.00 7.00 800.SC03810 38.00 10.00 800.SC04005 40.00 5.00 800.SC04007 40.00 7.00 800.SC04008 40.00 8.00 800.SC04207 42.00 7.00 800.SC04208 42.00 8.00 800.SC04407 44.00 7.00 800.SC04505 45.00 5.00 Part number Bore diameter ØD1 H8 Groove width L1 0/+0.50 800.SC04704 47.00 4.00 800.SC04705 47.00 5.00 800.SC04707 47.00 7.00 800.SC04708 47.00 8.00 800.SC04710 47.00 10.00 800.SC05007 50.00 7.00 800.SC05009 50.00 9.00 800.SC05010 50.00 10.00 800.SC05016 50.00 16.00 800.SC05206 52.00 6.00 800.SC05207 52.00 7.00 800.SC05208 52.00 8.00 800.SC05210 52.00 10.00 800.SC05504 55.00 4.00 800.SC05506 55.00 6.00 800.SC05507 55.00 7.00 800.SC05510 55.00 10.00 800.SC05610 56.00 10.00 800.SC05708 57.00 8.00 800.SC05806 58.00 6.00 800.SC05807 58.00 7.00 800.SC06007 60.00 7.00 800.SC06008 60.00 8.00 800.SC06016 60.00 16.00 800.SC06207 62.00 7.00 800.SC06208 62.00 8.00 800.SC06210 62.00 10.00 800.SC06212 62.00 12.00 800.SC06508 65.00 8.00 800.SC06510 65.00 10.00 800.SC06808 68.00 8.00 800.SC06910 69.00 10.00 800.SC07010 70.00 10.00 800.SC07016 70.00 16.00 800.SC07207 72.00 7.00 800.SC07209 72.00 9.00 800.SC07210 72.00 10.00 800.SC07507 75.00 7.00 800.SC07510 75.00 10.00 800.SC07512 75.00 12.00 800.SC08008 80.00 8.00 800.SC08010 80.00 10.00 800.SC08012 80.00 12.00 800.SC08016 80.00 16.00 800.SC08112 81.00 12.00 800.SC08307 83.00 7.00 ROTARY SEALS | COVER SEALS | EC |