전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

800.SC02804 데이터시트(PDF) 1 Page - France Joint

부품명 800.SC02804
상세설명  COVER SEALS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRANCEJOINT [France Joint]
홈페이지  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

800.SC02804 데이터시트(HTML) 1 Page - France Joint

  800.SC02804 Datasheet HTML 1Page - France Joint 800.SC02804 Datasheet HTML 2Page - France Joint 800.SC02804 Datasheet HTML 3Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
DESCRIPTION
The EC profile is a cover seal
composed of a single external metal
cage with a rubber coating.
ADVANTAGES
Very good static sealing
Very good thermal expansion
compensation
Greater roughness is
allowed in the housing
Reduced risk of corrosion
APPLICATIONS
Transmissions
Gear motor
Pumps
Motors
MATERIALS
Rubber
NBR 70 - 75 Shore A
FKM 70 - 75 Shore A
Metal cage
Steel - AISI 1010
COVER SEALS
EC
|
TECHNICAL DATA
Temperature
-40°C / +200°C
Pressure
0.50 MPa
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
|
CHAMFERS
Groove width
L1
Chamfer
C
4.00 - 5.00
1.00
6.00 - 7.00
1.30
8.00 - 9.50
1.50
10.00 - 11.00
1.80
12.00 - 15.00
2.00
ROTARY SEALS | COVER SEALS |
EC


유사한 부품 번호 - 800.SC02804

제조업체부품명데이터시트상세설명
logo
France Joint
800.BC01005 FRANCEJOINT-800.BC01005 Datasheet
339Kb / 2P
COVER SEALS
800.BC02205 FRANCEJOINT-800.BC02205 Datasheet
339Kb / 2P
COVER SEALS
800.BC02207 FRANCEJOINT-800.BC02207 Datasheet
339Kb / 2P
COVER SEALS
800.BC02407 FRANCEJOINT-800.BC02407 Datasheet
339Kb / 2P
COVER SEALS
800.BC02807 FRANCEJOINT-800.BC02807 Datasheet
339Kb / 2P
COVER SEALS
More results

유사한 설명 - 800.SC02804

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251358 MOLEX1-0643251358_18 Datasheet
42Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Gray
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
HARTING Technology Grou...
19-44-310-0306 HARTING-19-44-310-0306 Datasheet
484Kb / 2P
Han-INOX 10B-HBM-SL FKM seals
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com