전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS8267 데이터시트(PDF) 109 Page - ams AG

부품명 AS8267
상세설명  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS8267 데이터시트(HTML) 109 Page - ams AG

Back Button AS8267 Datasheet HTML 105Page - ams AG AS8267 Datasheet HTML 106Page - ams AG AS8267 Datasheet HTML 107Page - ams AG AS8267 Datasheet HTML 108Page - ams AG AS8267 Datasheet HTML 109Page - ams AG AS8267 Datasheet HTML 110Page - ams AG AS8267 Datasheet HTML 111Page - ams AG AS8267 Datasheet HTML 112Page - ams AG AS8267 Datasheet HTML 113Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 109 of 136
T0PRE
CT_N = 0
CT_N = 1
TR0
TL0
(5 bits)
TH0
(8 bits)
TF0
Control
Timer 0
Interrupt
mcu_clk
(8bits) *)
1
6
1
N
mcu_clk
x
x
6
:
N
:
Figure 20: Timer 0 Mode 0 and Mode 1
*)
: 13 bit counter
T0PRE
CT_N = 0
CT_N = 1
TR0
TL0
(8 bits)
TF0
Control
Timer 0
Interrupt
mcu_clk
clk
_
mcu
6
1
TH0
(8 bits)
Reload
1
6
1
N
mcu_clk
xx
6
:
N
:
Figure 21: Timer 0 Mode 2: 8 bit counter
T0PRE
CT_N = 0
CT_N = 1
TR0
TL0
(8 bits)
TF0
Control
Timer 0
Interrupt
mcu_clk
clk
_
mcu
6
1
TR1
Control
TH0
(8 bits)
TF1
1
6
1
N
mcu_clk
x
x
6
:
N
:
Figure 22: Timer 0 Mode 3: two 8 bit counters
T0PRE
Unlike the standard 8051 there is a 8-bit prescaler register available for timer 0. Values of 0x00 (default after
reset) and 0x01 do not have any effect. For all other values the timer input frequency is divided according to
the value (ranging from 2 up to 255).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More