전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW5098BBLT 데이터시트(PDF) 78 Page - STMicroelectronics

부품명 STW5098BBLT
상세설명  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT 데이터시트(HTML) 78 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 74Page - STMicroelectronics STW5098BBLT Datasheet HTML 75Page - STMicroelectronics STW5098BBLT Datasheet HTML 76Page - STMicroelectronics STW5098BBLT Datasheet HTML 77Page - STMicroelectronics STW5098BBLT Datasheet HTML 78Page - STMicroelectronics STW5098BBLT Datasheet HTML 79Page - STMicroelectronics STW5098BBLT Datasheet HTML 80Page - STMicroelectronics STW5098BBLT Datasheet HTML 81Page - STMicroelectronics STW5098BBLT Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 85 page
background image
Package mechanical data
STw5098
78/85
18.1
LFBGA 6x6x1.4
Note:
1
LFBGA stands for Low Profile Fine Pitch Ball Grid Array.
- Low profile: the total profile height (DIm A) is measured from the seating plane to the top of
the component. The maximum total package height is calculated as follows:
. Fine pitch: e<1.0 mm pitch
2
The typical ball diameter before mounting is 0.30 mm
3
The tolerance of position that controls the location of the pattern of balls with respect to
datum A and B. For each ball there is a cylindrical tolerance zone eee perpendicular to
datum C and located on true position with respect to datum A and B as defined by e. The
axis perpendicular to datum C of each ball must lie within this tolerance zone.
4
The tolerance of position that controls the location of the balls within the matrix with respect
to each other. For each ball there is a cylindrical tolerance zone fff perpendicular to datum C
and located on true position as defined by e. The axis perpendicular to datum C of each ball
must lie within this tolerance zone. Each tolerance zone fff in the array is contained entirely
in the respective zone eee above.
The axis of each ball must lie simultaneously in both tolerance zones.
5
The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink
or metallized markings, or other feature of package body or integral heatslug. A
distinguishing feature is allowable on the bottom surface of the package to identify the
terminal A1 corner. Exact shape of each corner is optional.
Table 57.
Dimensions of LFBGA 6x6x1.4 112 4R11x11. 0.5
Reference
Databook (mm)
Drawing (mm)
Notes
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.40
1.26
Note 1
A1
0.15
0.16
0.21
0.26
A2
0.985
0.93
0.985
1.04
A3
0.20
0.16
0.20
0.24
A4
0.80
0.77
0.785
0.80
b
0.25
0.30
0.35
0.25
0.30
0.35
Note 2
D
5.85
6.00
6.15
5.90
6.00
6.10
D1
5.00
5.00
E
5.85
6.00
6.15
5.90
6.00
6.10
E1
5.00
5.00
e0.50
0.50
F0.50
0.50
ddd
0.08
0.08
eee
0.15
0.15
Note 4
fff
0.05
0.05
Note 5
A2Typ
A1Typ
A
( 1
2
A3
2
A4
2
+
+
tolerancevalues
)
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com