| 전자부품 데이터시트 검색엔진 |
|
STR710FZ2T6 데이터시트(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR710FZ2T6 데이터시트(HTML) 66 Page - STMicroelectronics |
|
66 / 77 page ![]() Electrical parameters STR71xF 66/77 1. Data based on characterisation, not tested in production. ADC Accuracy vs. Negative Injection Current: Injecting negative current on any of the standard (non- robust) analog input pins should be avoided as this significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a Schottky diode (pin to ground) to standard analog pins which may potentially inject negative current. The effect of negative injection current on robust pins is specified in Section 5.3.5. Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 5.3.5 does not affect the ADC accuracy. Figure 37. ADC Accuracy Characteristics Table 38. ADC Accuracy with fPCLK2 = 20MHz, fADC=10MHz, AVDD=3.3V Symbol Parameter Conditions Min Typ Max Unit ADC_DATA(0V) Converted code when AIN=0V 1) 2370 2565 Dec- imal code ADC_DATA(2.5V) Converted code when AIN=2.5V 1) 1480 1680 VCM Center voltage of Sigma-Delta Modulator1) 1.23 1.25 1.30 V TUE Total unadjusted error In this type of ADC, calibration is necessary to correct gain error and offset errors. Once calibrated, the TUE is limited to the ILE. |ED| Differential linearity error1) 1.96 2.19 LSB |EL| Integral linearity error 1) 2.36 3.95 1LSBIDEAL 1LSB IDEAL AVDD AVSS – 4095 ------------------------------------------------ = VAIN (LSBIDEAL) (1) Example of an actual transfer curve (2) The ideal transfer curve (3) End point correlation line ED=Differential Linearity Error: maximum deviation between actual steps and the ideal one. EL=Integral Linearity Error: maximum deviation between any actual transition and the end point correlation line. 4095 4094 4093 5 4 3 2 1 0 123 4093 4094 4095 (1) (2) ED EL (3) AVDD AVSS ADC_DATA(0V) ADC_DATA(2.5V) VCM 3100 3101 3102 3103 Out of range 1633 |