| 전자부품 데이터시트 검색엔진 |
|
STR710FZ2T6 데이터시트(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR710FZ2T6 데이터시트(HTML) 25 Page - STMicroelectronics |
|
25 / 77 page ![]() STR71xF System architecture 25/77 20 G2 P0.15/ WAKEUP ITT XX Port 0.15 Wakeup from Standby mode input. Note: This port is input only. 21 G3 RTCXTI Realtime Clock input and input of 32 kHz oscillator amplifier circuit 22 H4 RTCXTO Output of 32 kHz oscillator amplifier circuit 23 F3 STDBY I/O CT 4mA X X Input: Hardware Standby mode entry input active low. Caution: External pull-up to V33 required to select normal mode. Output: Standby mode active low output following Software Standby mode entry. Note: In Standby mode all pins are in high impedance except those marked Active in Stdby. 24 G4 RSTIN ICT X Reset input 25 H5 VSSBKP S X Stabilization for low power voltage regulator. 26 F4 V18BKP SX Stabilization for low power voltage regulator. Requires external capacitors of at least 1µF between V18BKP and VSS18BKP. See Figure 5. Note: If the low power voltage regulator is bypassed, this pin can be connected to an external 1.8V supply. 27 G5 V18 S Stabilization for main voltage regulator. Requires external capacitors of at least 10µF + 33nF between V18 and VSS18. See Figure 5. 28 H6 VSS18 S Stabilization for main voltage regulator. 29 E4 VDDA S Supply voltage for A/D Converter 30 G6 VSSA S Ground voltage for A/D Converter 31 F5 P1.0/T3.OCM PB/AIN.0 I/O pu CT 4mA X X Port 1.0 Timer 3: Output Compare B ADC: Analog input 0 32 H7 P1.1/T3.ICAP A/T3.EXTCLK /AIN.1 I/O pu CT 4mA X X Port 1.1 Timer 3: Input Capture A or External Clock input ADC: Analog input 1 33 H8 P1.2/T3.OCM PA/AIN.2 I/O pu CT 4mA X X Port 1.2 Timer 3: Output Compare A ADC: Analog input 2 34 G8 P1.3/T3.ICAP B/AIN.3 I/O pu CT 4mA X X Port 1.3 Timer 3: Input Capture B ADC: Analog input 3 35 F8 P1.4/T1.ICAP A/T1.EXTCLK I/O pu CT 4mA X X Port 1.4 Timer 1: Input Capture A Timer 1: External Clock input Table 6. STR711/STR712/STR715 pin description Pin n° Pin Name Input Output Main function (after reset) Alternate function |