전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HE84G752B 데이터시트(PDF) 21 Page - King blillion Electronics Co.,Ltd.

부품명 HE84G752B
상세설명  8-BIT MICRO-CONTROLLER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KB [King blillion Electronics Co.,Ltd.]
홈페이지  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G752B 데이터시트(HTML) 21 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G752B Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 23Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 24Page - King blillion Electronics Co.,Ltd. HE84G752B Datasheet HTML 25Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
HE84G752B
HE80004 Series
January 21, 2005
21
V0.93
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Different duties require different bias settings. There is some theoretical correspondence between the
Duty and Bias Setting. However, it is better to use it as starting point and adjust it with real LCD panel
connected to it to determine the final setting. The theoretic relationship between the duty and bias setting
as following:
Duty Cycle Normal Bias Alternative Bias
32 duty
1/7
1/7.5
48 duty
1/8
1/7.5, 1/8.5
64 duty
1/9
1/8.5, 1/9.5
80 duty
1/10
1/9.5, 1/10.5
The bias setting is made by mask option MO_LBSR[2..0].
MO_LBSR[2..0]
Bias Setting
000
1/7
001
1/7.5
010
1/8
011
1/8.5
100
1/9
101
1/9.5
110
1/10
111
1/5
9. LCDC Control register
LCD Control Register LCDC controls the functions of LCD driver.
LCDC
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Field
-
-
CLR_GP
GRAY
BLANK
LCDE
Mode
-
-
W
W
W
W
Reset
-
-
1
xxx
1
0
Field
Value
Function
0
Reset GRAY palette register pointer by write ‘0’ to CLR_GP bit.
CLR_GP
1
No effect on GRAY palette register pointer.
000
LCD is darkest.
.
.
.
LCD display contrast adjustment.
GRAY
111
LCD is lightest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com