전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HE84G770B 데이터시트(PDF) 32 Page - King blillion Electronics Co.,Ltd.

부품명 HE84G770B
상세설명  8-BIT MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KB [King blillion Electronics Co.,Ltd.]
홈페이지  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G770B 데이터시트(HTML) 32 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G770B Datasheet HTML 28Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 29Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 30Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 31Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 32Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 33Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 34Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 35Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 36Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
King Billion Electronics Co., Ltd
駿
HE84G770
HE80004H SERIES
October 31, 2003
32
Version:V1.1
This specification is subject to change without notice. Please contact sales person for the latest version before use.
11. Oscillators
The MCU is equipped with two clock sources with a variety of selections on the types of oscillators to
choose from. The system designer can select oscillator types based on the cost target, timing accuracy
requirements etc. Crystal, Resonator or the RC oscillator can be used as fast clock source, components
should be placed as close to the pins as possible. The type of oscillator used is selected by mask option
MO_FXTAL.
MO_FXTAL
Fast clock type
0
RC Oscillator.
1
Crystal Oscillator.
FXI
FXI
FXO
FXO
Crystal Osc.
RC Osc.
The RC oscillator has a built-in capacitor. An external resistor is needed to connect from FXI to GND to
determine the oscillation frequency. The capacitance of internal RC oscillator is selected by mask option
MO_RCAP[2..0].
MO_RCAP[2:0]
Internal RC Cap. (pF)
000
2
001
4
010
7
011
14
100
20
101
40
110
50
111
60
The following table shows the combinations of R and C, and the resulting frequency. Please note that
oscillation frequency in the table only represents oscillation frequencies of certain samples. The actual
oscillation frequency may vary up to ±15% from lot to lot due to process parameter variations. User must
take this into consideration when using this chip in applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com