전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HE84G770B 데이터시트(PDF) 5 Page - King blillion Electronics Co.,Ltd.

부품명 HE84G770B
상세설명  8-BIT MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KB [King blillion Electronics Co.,Ltd.]
홈페이지  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G770B 데이터시트(HTML) 5 Page - King blillion Electronics Co.,Ltd.

  HE84G770B Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
King Billion Electronics Co., Ltd
駿
HE84G770
HE80004H SERIES
October 31, 2003
5
Version:V1.1
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Pin Name
I/O
Description
LCAP1A
O Charge Pump Capacitor Pin.
LVL5
P LCD Bias Voltage 5.
LVL4
P LCD Bias Voltage 4
LVL3
P LCD Bias Voltage 3
LVL2
P LCD Bias Voltage 2
LVL1
P LCD Bias Voltage 1.
LGS1
I Regulator Voltage Setting
LVREG
O Voltage Regulator Output. VDD is regulated to generate LVREG, which is in turns pumped
to LVL5. Adjust resistor between LGS1 and LVREG to set LVREG voltage.
VR12
I Charge Pump Input. The buffered output of the fine-adjusted VREG.
GND
P Power Ground Input.
VO
O DAC Output.
DAO
O Alternate output of DAC.
OPIN
I Inverting input of OP Amp.
OPIP
I Non-inverting input of OP Amp.
OPO
O Output of OP Amp.
RSTP_N
I System Reset Input Pin. Level trigger, active low on this pin will put the chip in reset state.
FXO,
FXI
O,
B
External fast clock pin. Two types of oscillator can be selected by MO_FXTAL (‘0’ for RC
type and ‘1’ for crystal type). For RC type oscillator, one resistor needs to be connected
between FXI and GND. For crystal oscillator, one crystal needs to be placed between FXI
and FXO. Please refer to application for details.
TSTP_P
I
Test input pin. Please bond this pad and reserve a test point on PCB for debugging. But for
improving ESD, please connect this point with zero Ohm resistor to GND
.
SXO,
SXI
O,
I
External slow clock pins. Slow clock is clock source for LCD display, TIMER1, Time-Base
and other internal blocks. Both crystal and RC oscillator are provided. The slow clock type
can be selected by mask option MO_SXTAL. Choose ‘0’ for RC type and ‘1’ for crystal
oscillator.
VX
I
Input pin for x32 PLL circuit. Connect to external resistor and capacitors as shown in
application circuit.
OLFR
O LCD frame signal for interfacing with LCD segment extender KDGS80.
OCCK
O LCD data load pin for interfacing with LCD segment extender KDGS80.
VDD
P
Positive power Input. A 0.1 µF decoupling capacitors should be placed as close to IC VDD
and GND pads as possible for best decoupling effect.
PRTD[7..2]
PRTD[1]/SIN
PRTD[0]/SOUT
B
8-bit bi-directional I/O port D. The output type of I/O pad can also be selected by mask
option MO_DPP[7..0] (‘1’ for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the I/O as
input, ‘1’ must be outputted before reading the pin.
PRTD[7..2] can be used as wake-up pins. PRTD[7..6] can be as external interrupt sources.
PRTD[1] shares pad with UART Receiver SIN pin.
PRTD[0] shares pad with UART transmitter SOUT pin.
GND_PWM
O Dedicated Ground for PWM output.
PWM
O
The PWM output can drive speaker or buzzer directly. Set the bit2 of VOC register as one to
turn on PWM. Using VDD & PWM to drive output device.
IRO
O The Infrared output.
PRTC[7..4]/
SCNI[3..0]
B
4-bit bi-directional I/O port C. The output type of I/O pad can also be selected by mask
option MO_CPP[7..4] (‘1’ for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the I/O as
input, ‘1’ must be outputted before reading the pin.
PRTC[7..4] is shared with Key Scan Dedicated Input SCNI[3..0]. The Key Scan function
can be disabled by clearing MO_LCDKEY mask option to ‘0’.
VDD_RAM
P Dedicated power input for RAM
CMSG[32..79]
O COM[32..79] pads are shared with SEG[127..80] outputs. The functions of the pads to be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com