전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT9270 데이터시트(PDF) 9 Page - Richtek Technology Corporation

부품명 RT9270
상세설명  High Performance, Low Noise Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9270 데이터시트(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9270 Datasheet HTML 5Page - Richtek Technology Corporation RT9270 Datasheet HTML 6Page - Richtek Technology Corporation RT9270 Datasheet HTML 7Page - Richtek Technology Corporation RT9270 Datasheet HTML 8Page - Richtek Technology Corporation RT9270 Datasheet HTML 9Page - Richtek Technology Corporation RT9270 Datasheet HTML 10Page - Richtek Technology Corporation RT9270 Datasheet HTML 11Page - Richtek Technology Corporation RT9270 Datasheet HTML 12Page - Richtek Technology Corporation RT9270 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT9270
Preliminary
9
DS9270-09 March 2007
www.richtek.com
Maximum Output Current vs. Temperature
0
100
200
300
400
500
600
700
800
-60
-40
-20
0
20
40
60
80
Temperature
VIN = 3.3V,L = 4.7uH,fOSC = 1.3MHz
VOUT= 7.2V
VOUT= 12V
(°C)
OTP Waveform
Time (4ms/Div)
LX Switching
Waveform
(5V/Div)
Inductor
Current
(1A/Div)
VIN = 3.3V, VOUT = 12V, IOUT= 400mA
fOSC = 1.3MHz, ILIMIT = 1.9A
OCP Waveform
Time (2ms/Div)
LX Switching
Waveform
(10V/Div)
Inductor
Current
(1A/Div)
VIN = 3.3V, VOUT = 12V, IOUT= 400mA
fOSC = 670kHz, ILIMIT = 1.9A
Output
Current
(500mA/Div)
Output
Voltage
(10V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com