전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT9270 데이터시트(PDF) 10 Page - Richtek Technology Corporation

부품명 RT9270
상세설명  High Performance, Low Noise Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9270 데이터시트(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9270 Datasheet HTML 5Page - Richtek Technology Corporation RT9270 Datasheet HTML 6Page - Richtek Technology Corporation RT9270 Datasheet HTML 7Page - Richtek Technology Corporation RT9270 Datasheet HTML 8Page - Richtek Technology Corporation RT9270 Datasheet HTML 9Page - Richtek Technology Corporation RT9270 Datasheet HTML 10Page - Richtek Technology Corporation RT9270 Datasheet HTML 11Page - Richtek Technology Corporation RT9270 Datasheet HTML 12Page - Richtek Technology Corporation RT9270 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RT9270
Preliminary
10
DS9270-09 March 2007
www.richtek.com
Component Selection Table
Application Information
The design procedure of Boost converter can start from
the maximum input current, which is related about
inductor, catch-diode, input/output capacitor selections
and the maximum power which internal switch can stand.
It can be derived from maximum output power, minimum
input voltage and the efficiency of Boost converter. Once
the maximum input current is calculated, the inductor
value can be determined and the other components as
well.
Inductor Selection
For a better efficiency in high switching frequency
converter, the inductor selection has to use a proper core
material such as ferrite core to reduce the core loss and
choose low ESR wire to reduce copper loss. The most
important point is to prevent the core saturated when
handling the maximum peak current. Using a shielded
inductor can minimize radiated noise in sensitive
applications. The maximum peak inductor current is the
maximum input current plus the half of inductor ripple
current. The calculated peak current has to be smaller
than the current limitation in the electrical characteristics.
A typical setting of the inductor ripple current is 20% to
40% of the maximum input current. If the selection is 40%,
the maximum peak inductor current is :
The minimum inductance value is derived from the
following equation :
Depending on the application, the recommended inductor
value is between 2.2uH and 10uH.
Diode Selection
To achieve high efficiency, Schottky diode is good choice
for low forward drop voltage and fast switching time. The
output diode rating should be able to handle the maximum
output voltage, average power dissipation and the
pulsating diode peak current.
Input Capacitor Selection
For better input bypassing, low-ESR ceramic capacitors
are recommended for performance. A 10uF input capacitor
is sufficient for most applications. For a lower output power
requirement application, this value can be decreased.
Output Capacitor Selection
For lower output voltage ripple, low-ESR ceramic
capacitors are recommended. The tantalum capacitors
can be used as well, but the ESR is bigger than ceramic
capacitor. The output voltage ripple consists of two
components: one is the pulsating output ripple current
flows through the ESR, and the other is the capacitive
ripple caused by charging and discharging.
×
×
×
PK
IN(MAX)
RIPPLE
IN(MAX)
OUT(MAX)
OUT
IN(MIN)
1
I
= I
+ I
= 1.2 I
2
IV
= 1.2 [
]
η ×V
××
××
×
2
IN(MIN)
OUT
IN(MIN)
2
OUT(MAX)
OUT
OSC
η V[V
- V
]
L=
0.4 I
V
f
VIN
(V)
VOUT
(V)
fOSC
(Hz)
L1
(uH)
C2
(uF)
R3
(k )
C3
(pF)
C4
(pF)
Typical IOUT(MAX)
(mA)
3.3
12
670k
10(TDK SLF6028)
33 tantalum
36
1200
33
250
3.3
12
670k
4.7(TDK SLF6028)
33 tantalum
47
1000
22
250
3.3
12
1.3M
10(TDK SLF6028)
33 tantalum
39
1000
33
210
3.3
12
1.3M
4.7(TDK SLF6028)
33 tantalum
51
820
22
210
3.3
7.2
670k
4.7(TDK SLF6028)
47 tantalum
22
820
56
490
3.3
7.2
1.3M
4.7(TDK SLF6028)
47 tantalum
32
1000
56
450
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com