전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM6680 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 PM6680
상세설명  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 데이터시트(HTML) 1 Page - STMicroelectronics

  PM6680 Datasheet HTML 1Page - STMicroelectronics PM6680 Datasheet HTML 2Page - STMicroelectronics PM6680 Datasheet HTML 3Page - STMicroelectronics PM6680 Datasheet HTML 4Page - STMicroelectronics PM6680 Datasheet HTML 5Page - STMicroelectronics PM6680 Datasheet HTML 6Page - STMicroelectronics PM6680 Datasheet HTML 7Page - STMicroelectronics PM6680 Datasheet HTML 8Page - STMicroelectronics PM6680 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
August 2007
Rev 6
1/49
49
PM6680
No Rsense dual step-down controller with adjustable voltages
for notebook system power
Features
6 V to 28 V input voltage range
Adjustable output voltages
5V always voltage available deliver 100 mA
peak current
1.237 V ± 1% reference voltage available
Lossless current sensing using low side
MOSFETs RDS(on)
Negative current limit
Soft-start internally fixed at 2ms
Soft output discharge
Latched OVP and UVP
Selectable pulse skipping at light loads
Selectable minimum frequency (33 kHz) in
pulse skip mode
4mW maximum quiescent power
Independent power good signals
Output voltage ripple compensation
Applications
Notebook computers
Tablet PC or slates
Mobile system power supply
3-4 cells Li+ battery powered devices
Description
PM6680 is a dual step-down controller
specifically designed to provide extremely high
efficiency conversion, with lossless current
sensing technique. The constant on-time
architecture assures fast load transient response
and the embedded voltage feed-forward provides
nearly constant switching frequency operation. An
embedded integrator control loop compensates
the DC voltage error due to the output ripple.
Pulse skipping technique increases efficiency at
very light load. Moreover a minimum switching
frequency of 33kHz is selectable to avoid audio
noise issues. The PM6680 provides a selectable
switching frequency, allowing three different
values of switching frequencies for the two
switching sections. The output voltages OUT1
and OUT2 can be adjusted from 0.9 V to 5.5 V
and from 0.9 V to 3.3 V respectively.
VFQFPN-32 5X5
www.st.com
Table 1.
Device summary
Order codes
Package
Packaging
PM6680
VFQFPN-32 5mm x 5mm (Exposed pad)
Tube
PM6680TR
VFQFPN-32 5mm x 5mm (Exposed pad)
Tape and reel


유사한 부품 번호 - PM6680

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
PM6680 STMICROELECTRONICS-PM6680 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
21-Jan-2008
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
Dual synchronous step-down controller with adjustable output voltages plus LDO
17-Dec-2007
PM6680ATR STMICROELECTRONICS-PM6680ATR Datasheet
1Mb / 48P
Dual synchronous step-down controller with adjustable output voltages plus LDO
17-Dec-2007
PM6680TR STMICROELECTRONICS-PM6680TR Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
21-Jan-2008
PM6680 STMICROELECTRONICS-PM6680_08 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
21-Jan-2008
More results

유사한 설명 - PM6680

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
23-Sep-2005
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
Dual synchronous step-down controller with adjustable output voltages plus LDO
17-Dec-2007
PM6680 STMICROELECTRONICS-PM6680_08 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
21-Jan-2008
PM6685 STMICROELECTRONICS-PM6685_07 Datasheet
2Mb / 52P
Dual step-down main supply controller with auxilary voltages for notebook system power
18-Oct-2007
STEVAL-ISA053V1 STMICROELECTRONICS-STEVAL-ISA053V1 Datasheet
189Kb / 4P
Demonstration board for the PM6680 dual step-down controller with adjustable output voltage for notebook power system
29-Sep-2008
PM6686TR STMICROELECTRONICS-PM6686TR Datasheet
1Mb / 50P
Dual step-down controller with adjustable voltages, adjustable LDO and auxiliary charge pump controller for notebook
23-Jul-2009
logo
Linear Technology
LTC1778EGN LINER-LTC1778EGN Datasheet
254Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
logo
STMicroelectronics
AN2829 STMICROELECTRONICS-AN2829 Datasheet
2Mb / 32P
Dual step-down controller with auxilary voltages
25-Feb-2009
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
Dual step-down controller with auxiliary voltages for industrial system power
24-Feb-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com