전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM6680 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 PM6680
상세설명  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 6Page - STMicroelectronics PM6680 Datasheet HTML 7Page - STMicroelectronics PM6680 Datasheet HTML 8Page - STMicroelectronics PM6680 Datasheet HTML 9Page - STMicroelectronics PM6680 Datasheet HTML 10Page - STMicroelectronics PM6680 Datasheet HTML 11Page - STMicroelectronics PM6680 Datasheet HTML 12Page - STMicroelectronics PM6680 Datasheet HTML 13Page - STMicroelectronics PM6680 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Pin settings
PM6680
10/49
16
SGND2
Signal ground for analog circuitry. It must be connected to the signal ground
plan of the power supply.
17
V5SW
Internal 5V regulator bypass connection.
• If V5SW is connected to OUT5 (or to an external 5V supply) and V5SW is
greater than 4.9V, the LDO5 regulator shuts down and the LDO5 pin is
directly connected to OUT5 through a 3
Ω (max) switch.
If V5SW is connected to GND, the LDO5 linear regulator is always on.
18
LDO5
5V internal regulator output. It can provide up to 100mA peak current. LDO5
pin supplies embedded low side gate drivers and an external load.
19
VIN
Device supply voltage input and battery voltage sense. A bypass filter (4
and 4.7
µF) between the battery and this pin is recommended.
20
CSENSE1
Positive current sense input for the switching section 1. This pin must be
connected through a resistor to the drain of the synchronous rectifier
(RDSON sensing) to obtain a positive current limit threshold for the power
supply controller.
21
PHASE1
Switch node connection and return path for the high side driver for the
section 1.It is also used as negative current sense input.
22
HGATE1
High-side gate driver output for section 1. This is the floating gate driver
output.
23
BOOT1
Bootstrap capacitor connection for the switching section 1. It supplies the
high-side gate driver.
24
SKIP
Pulse skipping mode control input.
• If the pin is connected to LDO5 the PWM mode is enabled.
• If the pin is connected to GND, the pulse skip mode is enabled.
• If the pin is connected to VREF the pulse skip mode is enabled but the
switching frequency is kept higher than 33KHz (No-audible pulse skip
mode).
25
EN1
Enable input for the switching section 1.
• The section 1 is enabled applying a voltage greater than 2.4V to this pin.
• The section 1 is disabled applying a voltage lower than 0.8V.
When the section is disabled the High Side gate driver goes low and Low
Side gate driver goes high.
26
PGOOD1
Power Good output signal for the section 1. This pin is an open drain output
and when the output of the switching section 1 is out of +/- 10% of its
nominal value.It is pulled down.
27
PGOOD2
Power Good output signal for the section 2. This pin is an open drain output
and when the output of the switching section 2 is out of +/- 10% of its
nominal value.It is pulled down.
28
FB1
Feedback input for the switching section 1. This pin is connected to a
resistive voltage-divider from OUT1 to PGND to adjust the output voltage
from 0.9V to 5.5V.
Table 4.
Pin functions (continued)
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com