전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS181-Q370 데이터시트(PDF) 3 Page - DFI Inc

부품명 CS181-Q370
상세설명  9th/8th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DFI [DFI Inc]
홈페이지  https://www.dfi.com/
Logo DFI - DFI Inc

CS181-Q370 데이터시트(HTML) 3 Page - DFI Inc

  CS181-Q370 Datasheet HTML 1Page - DFI Inc CS181-Q370 Datasheet HTML 2Page - DFI Inc CS181-Q370 Datasheet HTML 3Page - DFI Inc CS181-Q370 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
System
Processor
9th Generation Intel® Core™ Processors, LGA 1151 Socket, TDP up to 65W
Intel® Core i7-9700E Processor (Core 8; Max speed 4.4 GHz; TDP 65W)
Intel® Core i7-9700TE Processor (Core 8; Max speed 3.8 GHz; TDP 35W)
Intel® Core i5-9500E Processor (Core 6; Max speed 4.2 GHz; TDP 65W)
Intel® Core i5-9500TE Processor (Core 6; Max speed 3.6 GHz; TDP 35W)
Intel® Core i3-9100E Processor (Core 4; Max speed 3.7 GHz; TDP 65W)
Intel® Core i3-9100TE Processor (Core 4; Max speed 3.2 GHz; TDP 35W)
8th Generation Intel® Core™ Processors, LGA 1151 Socket, TDP up to 65W
Intel® Core™ i7-8700 Processor (Core 6; Max speed 4.6 GHz; TDP 65W)
Intel® Core™ i7-8700T Processor (Core 6; Max speed 4.0 GHz; TDP 35W)
Intel® Core™ i5-8500 Processor (Core 6; Max speed 4.1 GHz; TDP 65W)
Intel® Core™ i5-8500T Processor (Core 6; Max speed 3.5 GHz; TDP 35W)
Intel® Core™ i3-8100 Processor (Core 4; Max speed 3.6 GHz; TDP 65W)
Intel® Core™ i3-8100T Processor (Core 4; Max speed 3.1 GHz; TDP 35W)
Intel® Pentium G5400 Processor (Core 2; Max speed 3.7 GHz; TDP 58W)
Intel® Celeron G4900 Processor (Core 2; Max speed 3.1 GHz; TDP 54W)
Chipset
Intel® Q370 Chipset
Memory
Two 260-pin SODIMM up to 64GB
Dual Channel DDR4 2400/2666MHz
BIOS
AMI SPI 128Mbit
Graphics
Controller
Intel® UHD Graphics 630 (Pentium G5400 and Celeron G4900 support Intel® UHD Graphics 610)
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG, HEVC/H265, VP8, VP9
Display
1 x eDP
1 x DP++/HDMI (auto-detection)
4 x DP (support by MXM Type-A/B module)
eDP: resolution up to 4096x2304 @ 60Hz
DP: resolution up to 4096x2304 @ 60Hz
HDMI: resolution up to 4096x2160 @ 30Hz
Multiple Dis-
plays
Onboard: eDP + DP++/HDMI
Onboard+MXM module: eDP + DP++/HDMI + DP + DP + DP + DP
Expansion
Interface
1 x MXM Type-A/B/B+ (support MXM module) (provide 4 x independent DP at rear side)
1 x M.2 2280 M Key (PCIe Gen3 x4/SATA 3.0)(support NVMe and Intel® Optane memory)
1 x M.2 3042/3052 B Key (PCIe Gen3 x1 / USB 3.2 Gen1) (support 5G or storage module)
1 x M.2 2230 E Key (USB2.0/PCIe Gen3 x1) (support BT/Wi-Fi module)
Audio
Audio Codec
Realtek ALC888S-VD2-GR
Ethernet
Controller
1 x Intel® I219LM PHY (10/100/1000Mbps)
3 x Intel® I210AT PCIe (10/100/1000Mbps)
Rear I/O
Ethernet
4 x GbE (RJ-45)
USB
4 x USB 3.2 Gen2 (dual type-A connector)
Power
1 x DC Jack (mini-DIN)
Display
1 x DP++/HDMI (auto-detection)
Internal I/O
Serial
2 x RS232/RS422/RS485, Select by BIOS
Display
1 x eDP
1 x LCD/Inverter Power
Audio
1 x Front Audio (2 x 5 10-pin 2.00mm pitch header)
USB
2 x USB 2.0 (2 x 5 10-pin 2.00mm pitch header)
SATA
2 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5
DIO
1 x 8-bit DIO (1 x 8 8-pin 2.00mm pitch header)
1 x DIO Power (1x 4 4-pin 2.00mm pitch header)
LPC
1 x LPC (2 x 7 14-pin 2.00mm pitch female header)
SMBus
1 x SMBus
Watchdog Timer
Output &
Interval
System Reset, Programmable via Software from 1 to 255 Seconds
Security
TPM
dTPM2.0 (default)
Power
Type
Single 19V +/-5% DC
Connector
DC-in Jack (mini-DIN)
Consumption
Idle: i7-8700 65W: 19V @ 0.91A (17.29W)
Max: i7-8700 65W: 19V @ 7.34A (139.46W)
RTC Battery
CR2032 Coin Cell
OS Support
Microsoft
Windows 10 IoT Enterprise 64-bit



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com