전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS181-Q370 데이터시트(PDF) 1 Page - DFI Inc

부품명 CS181-Q370
상세설명  9th/8th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DFI [DFI Inc]
홈페이지  https://www.dfi.com/
Logo DFI - DFI Inc

CS181-Q370 데이터시트(HTML) 1 Page - DFI Inc

  CS181-Q370 Datasheet HTML 1Page - DFI Inc CS181-Q370 Datasheet HTML 2Page - DFI Inc CS181-Q370 Datasheet HTML 3Page - DFI Inc CS181-Q370 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CS181-Q370
9th/8th Gen Intel® CoreTM
Mini-ITX
KEY FEATURES
DDR4
4K High
Resolution
Multiple
Displays
Multiple
Expansion
Rich I/O
2 DDR4 SODIMM up to
64GB
Supports 4K/ 2K
resolution
1 eDP
1 DP++/HDMI
(auto-detection)
4 DP (MXM)
1 MXM Type-A/B/B+/C,
1 M.2 M Key,
1 M.2 B Key,
1 M.2 E Key
4 Intel GbE, 2 COM,
4 USB 3.2 Gen2,
2 USB 2.0
Intel Core i7/i5/i3
SIM Card
DDR4 SODIMM
SATA
Sys Fan
M.2 2230 E key
USB 3.2 Gen2
LAN 3/4
LPC
DIO
Top View
Bottom View
LAN 1
CPU Fan
COM1
COM2
MXM slot
19 VDC-in
M.2 2280 M key
USB 2.0
Intel® Q370 Chipset
SATA power
LCD/eDP
Desktop
DP++/HDMI
LAN 2
M.2 3042/3052 B key
Audio
DIO Power
Front Panel
DP(MXM)


유사한 부품 번호 - CS181-Q370

제조업체부품명데이터시트상세설명
logo
DFI Inc
CS181-H310 DFI-CS181-H310 Datasheet
1Mb / 4P
9th/8th Gen Intel® CoreTM Mini-ITX
More results

유사한 설명 - CS181-Q370

제조업체부품명데이터시트상세설명
logo
GSR Technology Ltd
HD100-H81 GSR-HD100-H81 Datasheet
386Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HM100-HM86 GSR-HM100-HM86 Datasheet
415Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HU101 GSR-HU101 Datasheet
460Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
AAEON Technology
MIX-H310A1 AAEON-MIX-H310A1 Datasheet
689Kb / 2P
Mini-ITX with 8th/9th Gen Intel® Core™ Processor Family, Max. 65W TDPs, Giga-LAN x 4
2022/10/31
MIX-Q370A1 AAEON-MIX-Q370A1 Datasheet
670Kb / 2P
Mini-ITX with 8th/9th Gen Intel® Core™ Processor Family, Max. 65W TDPs, Giga-LAN x 4
2022/10/31
logo
BCM Advanced Research.
MX310H BCM-MX310H Datasheet
138Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, ATX-Power
2021/06/11
MX310HD BCM-MX310HD Datasheet
530Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, DC-Power
10/24/2022
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com