전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 250 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 250 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 246Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 247Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 248Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 249Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 250Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 251Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 252Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 253Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 254Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
250
Freescale Semiconductor
Operation
RS.L – IMM8
⇒ NONE, only condition code flags get updated
Subtracts the 8 bit constant IMM8 contained in the instruction code from the low byte of the source register
RS.L using binary subtraction and updates the condition code register accordingly.
Remark: There is no equivalent operation using triadic addressing. Comparing the values of two registers
can be performed by using the subtract instruction with R0 as destination register.
CCR Effects
Code and CPU Cycles
CMPL
Compare Immediate 8 bit Constant
(Low Byte)
CMPL
NZ
V
C
∆∆∆∆
N:
Set if bit 7 of the result is set; cleared otherwise.
Z:
Set if the 8 bit result is $00; cleared otherwise.
V:
Set if a two´s complement overflow resulted from the 8 bit operation; cleared otherwise.
RS[7] & IMM8[7] & result[7] | RS[7] & IMM8[7] & result[7]
C:
Set if there is a carry from the Bit 7 to Bit 8 of the result; cleared otherwise.
RS[7] & IMM8[7] | RS[7] & result[7] | IMM8[7] & result[7]
Source Form
Address
Mode
Machine Code
Cycles
CMPL RS, #IMM8
IMM8
1
1
0
1
0
RS
IMM8
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com