전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 74 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 70Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 71Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 72Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 73Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 74Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 75Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 76Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 77Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
74
Freescale Semiconductor
Vector base + $BE
$5F
SPI1
I bit
SPI1CR1 (SPIE, SPTIE)
Vector base + $BC
$5E
SPI2
I bit
SPI2CR1 (SPIE, SPTIE)
Vector base + $BC
RESERVED
Vector base + $BA
$5D
EEPROM
I bit
ECNFG (CCIE, CBEIE)
Vector base + $B8
$5C
FLASH
I bit
FCNFG (CCIE, CBEIE)
Vector base + $B6
$5B
CAN0 wake-up
I bit
CAN0RIER (WUPIE)
Vector base + $B4
$5A
CAN0 errors
I bit
CAN0RIER (CSCIE, OVRIE)
Vector base + $B2
$59
CAN0 receive
I bit
CAN0RIER (RXFIE)
Vector base + $B0
$58
CAN0 transmit
I bit
CAN0TIER (TXEIE[2:0])
Vector base + $AE
$57
CAN1 wake-up
I bit
CAN1RIER (WUPIE)
Vector base + $AC
$56
CAN1 errors
I bit
CAN1RIER (CSCIE, OVRIE)
Vector base + $AA
$55
CAN1 receive
I bit
CAN1RIER (RXFIE)
Vector base + $A8
$54
CAN1 transmit
I bit
CAN1TIER (TXEIE[2:0])
Vector base + $A6
$53
CAN2 wake-up
I bit
CAN2RIER (WUPIE)
Vector base + $A4
$52
CAN2 errors
I bit
CAN2RIER (CSCIE, OVRIE)
Vector base + $A2
$51
CAN2 receive
I bit
CAN2RIER (RXFIE)
Vector base + $A0
$50
CAN2 transmit
I bit
CAN2TIER (TXEIE[2:0])
Vector base + $9E
$4F
CAN3 wake-up
I bit
CAN3RIER (WUPIE)
Vector base+ $9C
$4E
CAN3 errors
I bit
CAN3RIER (CSCIE, OVRIE)
Vector base+ $9A
$4D
CAN3 receive
I bit
CAN3RIER (RXFIE)
Vector base + $98
$4C
CAN3 transmit
I bit
CAN3TIER (TXEIE[2:0])
Vector base + $AE
to
Vector base + 98
Reserved
Vector base + $9E
to
Vector base + 98
Reserved
Vector base + $96
$4B
CAN4 wake-up
I bit
CAN4RIER (WUPIE)
Vector base + $94
$4A
CAN4 errors
I bit
CAN4RIER (CSCIE, OVRIE)
Vector base + $92
$49
CAN4 receive
I bit
CAN4RIER (RXFIE)
Vector base + $90
$48
CAN4 transmit
I bit
CAN4TIER (TXEIE[2:0])
Vector base + $8E
$47
Port P Interrupt
I bit
PIEP (PIEP7-PIEP0)
Vector base+ $8C
$46
PWM emergency shutdown
I bit
PWMSDN (PWMIE)
Vector base + $8A
$45
SCI2
I bit
SCI2CR2
(TIE, TCIE, RIE, ILIE)
Table 1-12. Interrupt Vector Locations (Sheet 2 of 3)
Vector Address1
XGATE
Channel ID2
Interrupt Source
CCR
Mask
Local Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com