전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 309 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 309 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 305Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 306Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 307Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 308Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 309Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 310Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 311Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 312Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 313Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
309
Chapter 7
Enhanced Capture Timer (S12ECT16B8CV2)
7.1
Introduction
The HCS12 enhanced capture timer module has the features of the HCS12 standard timer module
enhanced by additional features in order to enlarge the field of applications, in particular for automotive
ABS applications.
This design specification describes the standard timer as well as the additional features.
The basic timer consists of a 16-bit, software-programmable counter driven by a prescaler. This timer can
be used for many purposes, including input waveform measurements while simultaneously generating an
output waveform. Pulse widths can vary from microseconds to many seconds.
A full access for the counter registers or the input capture/output compare registers will take place in one
clock cycle. Accessing high byte and low byte separately for all of these registers will not yield the same
result as accessing them in one word.
7.1.1
Features
•
16-bit buffer register for four input capture (IC) channels.
•
Four 8-bit pulse accumulators with 8-bit buffer registers associated with the four buffered IC
channels. Configurable also as two 16-bit pulse accumulators.
•
16-bit modulus down-counter with 8-bit prescaler.
•
Four user-selectable delay counters for input noise immunity increase.
7.1.2
Modes of Operation
•
Stop — Timer and modulus counter are off since clocks are stopped.
•
Freeze — Timer and modulus counter keep on running, unless the TSFRZ bit in the TSCR1 register
is set to one.
•
Wait — Counters keep on running, unless the TSWAI bit in the TSCR1 register is set to one.
•
Normal — Timer and modulus counter keep on running, unless the TEN bit in the TSCR1 register
or the MCEN bit in the MCCTL register are cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com