전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 350 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 350 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 346Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 347Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 348Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 349Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 350Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 351Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 352Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 353Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 354Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
350
Freescale Semiconductor
Read: Anytime
Write: Has no effect.
All bits reset to zero.
These registers are used to latch the value of the input capture registers TC0–TC3. The corresponding
IOSx bits in TIOS should be cleared (see Section 7.4.1.1, “IC Channels”).
7.4
Functional Description
This section provides a complete functional description of the ECT block, detailing the operation of the
design from the end user perspective in a number of subsections.
15
14
13
12
11
10
9
8
R
TC15
TC14
TC13
TC12
TC11
TC10
TC9
TC8
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-63. Timer Input Capture Holding Register 3 High (TC3H)
76543210
R
TC7
TC6
TC5
TC4
TC3
TC2
TC1
TC0
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-64. Timer Input Capture Holding Register 3 Low (TC3H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com