전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 406 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 406 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 402Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 403Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 404Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 405Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 406Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 407Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 408Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 409Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 410Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 1350 page
background image
Chapter 9 Inter-Integrated Circuit (IICV2) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
406
Freescale Semiconductor
Wait mode is entered via execution of a CPU WAI instruction. In the event that the IBSWAI bit is set, all
clocks internal to the IIC will be stopped and any transmission currently in progress will halt.If the CPU
were woken up by a source other than the IIC module, then clocks would restart and the IIC would resume
Table 9-6. IBCR Field Descriptions
Field
Description
7
IBEN
I-Bus Enable — This bit controls the software reset of the entire IIC bus module.
0 The module is reset and disabled. This is the power-on reset situation. When low the interface is held in reset
but registers can be accessed
1 The IIC bus module is enabled.This bit must be set before any other IBCR bits have any effect
If the IIC bus module is enabled in the middle of a byte transfer the interface behaves as follows: slave mode
ignores the current transfer on the bus and starts operating whenever a subsequent start condition is detected.
Master mode will not be aware that the bus is busy, hence if a start cycle is initiated then the current bus cycle
may become corrupt. This would ultimately result in either the current bus master or the IIC bus module losing
arbitration, after which bus operation would return to normal.
6
IBIE
I-Bus Interrupt Enable
0 Interrupts from the IIC bus module are disabled. Note that this does not clear any currently pending interrupt
condition
1 Interrupts from the IIC bus module are enabled. An IIC bus interrupt occurs provided the IBIF bit in the status
register is also set.
5
MS/SL
Master/Slave Mode Select Bit — Upon reset, this bit is cleared. When this bit is changed from 0 to 1, a START
signal is generated on the bus, and the master mode is selected. When this bit is changed from 1 to 0, a STOP
signal is generated and the operation mode changes from master to slave.A STOP signal should only be
generated if the IBIF flag is set. MS/SL is cleared without generating a STOP signal when the master loses
arbitration.
0 Slave Mode
1 Master Mode
4
Tx/Rx
Transmit/Receive Mode Select Bit — This bit selects the direction of master and slave transfers. When
addressed as a slave this bit should be set by software according to the SRW bit in the status register. In master
mode this bit should be set according to the type of transfer required. Therefore, for address cycles, this bit will
always be high.
0 Receive
1 Transmit
3
TXAK
Transmit Acknowledge Enable — This bit specifies the value driven onto SDA during data acknowledge cycles
for both master and slave receivers. The IIC module will always acknowledge address matches, provided it is
enabled, regardless of the value of TXAK. Note that values written to this bit are only used when the IIC bus is a
receiver, not a transmitter.
0 An acknowledge signal will be sent out to the bus at the 9th clock bit after receiving one byte data
1 No acknowledge signal response is sent (i.e., acknowledge bit = 1)
2
RSTA
Repeat Start — Writing a 1 to this bit will generate a repeated START condition on the bus, provided it is the
current bus master. This bit will always be read as a low. Attempting a repeated start at the wrong time, if the bus
is owned by another master, will result in loss of arbitration.
1 Generate repeat start cycle
1
RESERVED
Reserved — Bit 1 of the IBCR is reserved for future compatibility. This bit will always read 0.
0
IBSWAI
I Bus Interface Stop in Wait Mode
0 IIC bus module clock operates normally
1 Halt IIC bus module clock generation in wait mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com