전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 553 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 553 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 549Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 550Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 551Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 552Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 553Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 554Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 555Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 556Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 557Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 1350 page
background image
Chapter 13 Periodic Interrupt Timer (S12PIT24B4CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
553
is set, an interrupt service is requested whenever the corresponding time-out flag PTF in the PIT time-out
flag (PITTF) register is set. The flag can be cleared by writing a one to the flag bit.
NOTE
Be careful when resetting the PITE, PINTE or PITCE bits in case of pending
PIT interrupt requests, to avoid spurious interrupt requests.
13.4.3
Hardware Trigger
The PIT module contains four hardware trigger signal lines PITTRIG[3:0], one for each timer channel.
These signals can be connected on SoC level to peripheral modules enabling e.g. periodic ATD conversion
(please refer to the SoC Guide for the mapping of PITTRIG[3:0] signals to peripheral modules).
Whenever a timer channel time-out is reached, the corresponding PTF flag is set and the corresponding
trigger signal PITTRIG triggers a rising edge. The trigger feature requires a minimum time-out period of
two bus clock cycles because the trigger is asserted high for at least one bus clock cycle. For load register
values PITLD = 0x0001 and PITMTLD = 0x0002 the flag setting, trigger timing and a restart with force
load is shown in Figure 13-20.
13.5
Initialization/Application Information
13.5.1
Startup
Set the configuration registers before the PITE bit in the PITCFLMT register is set. Before PITE is set, the
configuration registers can be written in arbitrary order.
13.5.2
Shutdown
When the PITCE register bits, the PITINTE register bits or the PITE bit in the PITCFLMT register are
cleared, the corresponding PIT interrupt flags are cleared. In case of a pending PIT interrupt request, a
spurious interrupt can be generated. Two strategies, which avoid spurious interrupts, are recommended:
1. Reset the PIT interrupt flags only in an ISR. When entering the ISR, the I mask bit in the CCR is
set automatically. The I mask bit must not be cleared before the PIT interrupt flags are cleared.
2. After setting the I mask bit with the SEI instruction, the PIT interrupt flags can be cleared. Then
clear the I mask bit with the CLI instruction to re-enable interrupts.
13.5.3
Flag Clearing
A flag is cleared by writing a one to the flag bit. Always use store or move instructions to write a one in
certain bit positions. Do not use the BSET instructions. Do not use any C-constructs that compile to BSET
instructions. “BSET flag_register, #mask” must not be used for flag clearing because BSET is a
read-modify-write instruction which writes back the “bit-wise or” of the flag_register and the mask into
the flag_register. BSET would clear all flag bits that were set, independent from the mask.
For example, to clear flag bit 0 use: MOVB #$01,PITTF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com