전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 569 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 569 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 565Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 566Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 567Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 568Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 569Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 570Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 571Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 572Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 573Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
569
Chapter 15
Background Debug Module (S12XBDMV2)
15.1
Introduction
This section describes the functionality of the background debug module (BDM) sub-block of the
HCS12X core platform.
The background debug module (BDM) sub-block is a single-wire, background debug system implemented
in on-chip hardware for minimal CPU intervention. All interfacing with the BDM is done via the BKGD
pin.
The BDM has enhanced capability for maintaining synchronization between the target and host while
allowing more flexibility in clock rates. This includes a sync signal to determine the communication rate
and a handshake signal to indicate when an operation is complete. The system is backwards compatible to
the BDM of the S12 family with the following exceptions:
•
TAGGO command no longer supported by BDM
•
External instruction tagging feature now part of DBG module
•
BDM register map and register content extended/modified
•
Global page access functionality
•
Enabled but not active out of reset in emulation modes
•
CLKSW bit set out of reset in emulation mode.
•
Family ID readable from firmware ROM at global address 0x7FFF0F (value for HCS12X devices
is 0xC1)
15.1.1
Features
The BDM includes these distinctive features:
•
Single-wire communication with host development system
•
Enhanced capability for allowing more flexibility in clock rates
•
SYNC command to determine communication rate
•
GO_UNTIL command
•
Hardware handshake protocol to increase the performance of the serial communication
•
Active out of reset in special single chip mode
•
Nine hardware commands using free cycles, if available, for minimal CPU intervention
•
Hardware commands not requiring active BDM
•
14 firmware commands execute from the standard BDM firmware lookup table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com