전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 580 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 580 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 576Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 577Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 578Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 579Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 580Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 581Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 582Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 583Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 584Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 580 / 1350 page
background image
Chapter 15 Background Debug Module (S12XBDMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
580
Freescale Semiconductor
15.4.4
Standard BDM Firmware Commands
Firmware commands are used to access and manipulate CPU resources. The system must be in active
BDM to execute standard BDM firmware commands, see Section 15.4.2, “Enabling and Activating
BDM”. Normal instruction execution is suspended while the CPU executes the firmware located in the
standard BDM firmware lookup table. The hardware command BACKGROUND is the usual way to
activate BDM.
As the system enters active BDM, the standard BDM firmware lookup table and BDM registers become
visible in the on-chip memory map at 0x7FFF00–0x7FFFFF, and the CPU begins executing the standard
BDM firmware. The standard BDM firmware watches for serial commands and executes them as they are
received.
The firmware commands are shown in Table 15-6.
Table 15-5. Hardware Commands
Command
Opcode
(hex)
Data
Description
BACKGROUND
90
None
Enter background mode if firmware is enabled. If enabled, an ACK will be
issued when the part enters active background mode.
ACK_ENABLE
D5
None
Enable Handshake. Issues an ACK pulse after the command is executed.
ACK_DISABLE
D6
None
Disable Handshake. This command does not issue an ACK pulse.
READ_BD_BYTE
E4
16-bit address
16-bit data out
Read from memory with standard BDM firmware lookup table in map.
Odd address data on low byte; even address data on high byte.
READ_BD_WORD
EC
16-bit address
16-bit data out
Read from memory with standard BDM firmware lookup table in map.
Must be aligned access.
READ_BYTE
E0
16-bit address
16-bit data out
Read from memory with standard BDM firmware lookup table out of map.
Odd address data on low byte; even address data on high byte.
READ_WORD
E8
16-bit address
16-bit data out
Read from memory with standard BDM firmware lookup table out of map.
Must be aligned access.
WRITE_BD_BYTE
C4
16-bit address
16-bit data in
Write to memory with standard BDM firmware lookup table in map.
Odd address data on low byte; even address data on high byte.
WRITE_BD_WORD
CC
16-bit address
16-bit data in
Write to memory with standard BDM firmware lookup table in map.
Must be aligned access.
WRITE_BYTE
C0
16-bit address
16-bit data in
Write to memory with standard BDM firmware lookup table out of map.
Odd address data on low byte; even address data on high byte.
WRITE_WORD
C8
16-bit address
16-bit data in
Write to memory with standard BDM firmware lookup table out of map.
Must be aligned access.
NOTE:
If enabled, ACK will occur when data is ready for transmission for all BDM READ commands and will occur after the write is
complete for all BDM WRITE commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com