전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 595 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 595 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 591Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 592Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 593Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 594Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 595Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 596Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 597Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 598Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 599Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 595 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
595
Chapter 16
Interrupt (S12XINTV1)
16.1
Introduction
The XINT module decodes the priority of all system exception requests and provides the applicable vector
for processing the exception to either the CPU or the XGATE module. The XINT module supports:
•
I bit and X bit maskable interrupt requests
•
A non-maskable unimplemented opcode trap
•
A non-maskable software interrupt (SWI) or background debug mode request
•
A spurious interrupt vector request
•
Three system reset vector requests
Each of the I bit maskable interrupt requests can be assigned to one of seven priority levels supporting a
flexible priority scheme. For interrupt requests that are configured to be handled by the CPU, the priority
scheme can be used to implement nested interrupt capability where interrupts from a lower level are
automatically blocked if a higher level interrupt is being processed. Interrupt requests configured to be
handled by the XGATE module cannot be nested because the XGATE module cannot be interrupted while
processing.
NOTE
The HPRIO register and functionality of the XINT module is no longer
supported, since it is superseded by the 7-level interrupt request priority
scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com