전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 653 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 653 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 649Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 650Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 651Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 652Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 653Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 654Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 655Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 656Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 657Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 653 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
653
•
Simultaneous accesses to different resources1 (internal, external, and peripherals) (see )
•
Resolution of target bus access collision
•
Access restriction control from masters to some targets (e.g., RAM write access protection for user
specified areas)
•
MCU operation mode control
•
MCU security control
•
Separate memory map schemes for each master CPU, BDM and XGATE
•
ROM control bits to enable the on-chip FLASH or ROM selection
•
Port replacement registers access control
•
Generation of system reset when CPU accesses an unimplemented address (i.e., an address which
does not belong to any of the on-chip modules) in single-chip modes
18.1.3
S12X Memory Mapping
The S12X architecture implements a number of memory mapping schemes including
•
a CPU 8 MByte global map, defined using a global page (GPAGE) register and dedicated 23-bit
address load/store instructions.
•
a BDM 8 MByte global map, defined using a global page (BDMGPR) register and dedicated 23-bit
address load/store instructions.
•
a (CPU or BDM) 64 KByte local map, defined using specific resource page (RPAGE, EPAGE and
PPAGE) registers and the default instruction set. The 64 KBytes visible at any instant can be
considered as the local map accessed by the 16-bit (CPU or BDM) address.
•
The XGATE 64 Kbyte local map.
The MMC module performs translation of the different memory mapping schemes to the specific global
(physical) memory implementation.
18.1.4
Modes of Operation
This subsection lists and briefly describes all operating modes supported by the MMC.
18.1.4.1
Power Saving Modes
•
Run mode
MMC is functional during normal run mode.
•
Wait mode
MMC is functional during wait mode.
•
Stop mode
MMC is inactive during stop mode.
1. Resources are also called targets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com