| 전자부품 데이터시트 검색엔진 |
|
PC912XDP512F0MPVR 데이터시트(PDF) 678 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0MPVR 데이터시트(HTML) 678 Page - Freescale Semiconductor, Inc |
|
678 / 1350 page ![]() Chapter 18 Memory Mapping Control (S12XMMCV3) MC9S12XDP512 Data Sheet, Rev. 2.17 678 Freescale Semiconductor Table 18-21 shows the address boundaries of each chip select and the relationship with the implemented resources (internal) parameters. Figure 18-23. Local to Implemented Global Address Mapping (Without GPAGE) 18.4.2.4 XGATE Memory Map Scheme 18.4.2.4.1 Expansion of the XGATE Local Address Map The XGATE 64 Kbyte memory space allows access to internal resources only (Registers, RAM, and FLASH). The 2 Kilobyte register address range is the same register address range as for the CPU and the BDM module (see Table 18-22). XGATE can access the FLASH in single chip modes, even when the MCU is secured. In expanded modes, XGATE can not access the FLASH when MCU is secured. The local address of the XGATE RAM access is translated to the global RAM address range. The XGATE shares the RAM resource with the CPU and the BDM module (see Table 18-22). XGATE RAM size (XGRAMSIZE) may be lower or equal to the MCU RAM size (RAMSIZE). The local address of the XGATE FLASH access is translated to the global address as defined by Table 18-22. Example 18-3. is a general example of the XGATE memory map implementation. Table 18-21. Global Chip Selects Memory Space Chip Selects Bottom Address Top Address CS3 0x00_0800 0x0F_FFFF minus RAMSIZE1 1 External RPAGE accesses in (NX, EX and ST) CS2 0x10_0000 0x13_FFFF minus EEPROMSIZE2 2 External EPAGE accesses in (NX, EX and ST) CS23 3 When ROMHM is set (see ROMHM in Table 18-19) the CS2 is asserted in the space occupied by this on-chip memory block. 0x14_0000 0x1F_FFFF CS1 0x20_0000 0x3F_FFFF CS04 4 When the internal NVM is enabled (see ROMON in Section 18.3.2.5, “MMC Control Register (MMCCTL1)) the CS0 is not asserted in the space occupied by this on-chip memory block. 0x40_0000 0x7F_FFFF minus FLASHSIZE5 5 External PPAGE accesses in (NX, EX and ST) Table 18-22. XGATE Implemented Memory Space Internal Resource $Address XGATE RAM XGRAM_LOW = 0x0F_0000 plus (0x1_0000 minus XGRAMSIZE)1 1 XGRAMSIZE is the hexadecimal value of XGATE RAM SIZE in bytes. XGATE FLASH XGFLASH_HIGH = 0x78_0000 plus (0xFFFF minus XGRAMSIZE) |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |