전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 687 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 687 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 683Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 684Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 685Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 686Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 687Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 688Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 689Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 690Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 691Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 687 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
687
18.5.3
On-Chip ROM Control
The MCU offers two modes to support emulation. In the first mode (called generator) the emulator
provides the data instead of the internal FLASH and traces the CPU actions. In the other mode (called
observer) the internal FLASH provides the data and all internal actions are made visible to the emulator.
18.5.3.1
ROM Control in Single-Chip Modes
In single-chip modes the MCU has no external bus. All memory accesses and program fetches are internal
(see Figure 18-27).
Figure 18-27. ROM in Single Chip Modes
18.5.3.2
ROM Control in Emulation Single-Chip Mode
In emulation single-chip mode the external bus is connected to the emulator. If the EROMON bit is set,
the internal FLASH provides the data and the emulator can observe all internal CPU actions on the external
bus. If the EROMON bit is cleared, the emulator provides the data (generator) and traces the all CPU
actions (see Figure 18-28).
Figure 18-28. ROM in Emulation Single-Chip Mode
MCU
Flash
No External Bus
EROMON = 1
Emulator
MCU
EROMON = 0
Emulator
Flash
MCU
Flash
Observer
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com