전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 694 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 694 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 690Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 691Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 692Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 693Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 694Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 695Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 696Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 697Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 698Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 694 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
694
Freescale Semiconductor
19.1.2
Features
•
Four comparators (A, B, C, and D):
— Comparators A and C compare the full address and the full 16-bit data bus
— Comparators A and C feature a data bus mask register
— Comparators B and D compare the full address bus only
— Each comparator can be configured to monitor either CPU or XGATE busses
— Each comparator features control of R/W and byte/word access cycles
— Comparisons can be used as triggers for the state sequencer
•
Three comparator modes:
— Simple address/data comparator match mode
— Inside address range mode, Addmin
≤ Address ≤ Addmax
— Outside address range match mode, Address
< Addmin or Address > Addmax
•
Two types of triggers:
— Tagged: triggers just before a specific instruction begins execution
— Force: triggers on the first instruction boundary after a match occurs.
•
Three types of breakpoints:
— CPU breakpoint entering BDM on breakpoint (BDM)
— CPU breakpoint executing SWI on breakpoint (SWI)
— XGATE breakpoint
•
Three trigger modes independent of comparators:
— External instruction tagging (associated with CPU instructions only)
— XGATE S/W breakpoint request
— TRIG bit immediate software trigger
•
Three trace modes:
— Normal: change of flow (COF) bus information is stored (see Section 19.4.5.2.1, “Normal
Mode”) for change of flow definition.
— Loop1: same as normal but inhibits consecutive duplicate source address entries
— Detail: address and data for all cycles except free cycles and opcode fetches are stored
•
4-stage state sequencer for trace buffer control:
— Tracing session trigger linked to final state of state sequencer
— Begin, end, and mid alignment of tracing to trigger
19.1.3
Modes of Operation
The DBG module can be used in all MCU functional modes.
During BDM hardware accesses and when the BDM module is active, CPU monitoring is disabled. Thus
breakpoints, comparators and bus tracing mapped to the CPU are disabled but accessing the DBG registers,
including comparator registers, is still possible. While in active BDM or during hardware BDM accesses,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com