전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 967 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 967 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 963Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 964Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 965Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 966Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 967Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 968Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 969Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 970Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 971Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 967 / 1350 page
background image
NOTE
PS[7:4] are not available in 80-pin packages.
23.0.7.8
Port M
This port is associated with the CAN40 and SPI0. Port M pins PM[7:0] can be used for either
general purpose I/O, or with the CAN, SCI and SPI subsystems.
The CAN0, CAN4 and SPI0 pins can be re-routed. Refer to Section 23.0.5.37, “Module Routing
Register (MODRR)”.
NOTE
PM[7:6] are not available in 80-pin packages.
23.0.7.9
Port P
This port is associated with the PWM, SPI1 and SPI2. Port P pins PP[7:0] can be used for either
general purpose I/O, or with the PWM and SPI subsystems.
The pins are shared between the PWM channels and the SPI1 and SPI2. If the PWM is enabled the
pins become PWM output channels with the exception of pin 7 which can be PWM input or output.
If SPI1 or SPI2 are enabled and PWM is disabled, the respective pin configuration is determined
by status bits in the SPI.
The SPI1 and SPI2 pins can be re-routed. Refer to Section 23.0.5.37, “Module Routing Register
(MODRR)”.
Port P offers 8 I/O pins with edge triggered interrupt capability in wired-OR fashion
(Section 23.0.8, “Pin Interrupts”).
NOTE
PP[6] is not available in 80-pin packages.
23.0.7.10 Port H
This port is associated with the SPI1, SPI2, SCI4. Port H pins PH[7:0] can be used for either
general purpose I/O, or with the SPI and SCI subsystems. Port H pins can be used with the routed
SPI1 and SPI2. Refer to Section 23.0.5.37, “Module Routing Register (MODRR)”.
Port H offers 8 I/O pins with edge triggered interrupt capability (Section 23.0.8, “Pin Interrupts”).
NOTE
Port H is not available in 80-pin packages.
23.0.7.11 Port J
This port is associated with the chip selects CS0, CS1, CS2 and CS3 as well as with CAN4, CAN0,
IIC1, IIC0, and SCI2. Port J pins PJ[7:4] and PJ[2:0] can be used for either general purpose I/O, or
with the CAN, IIC, or SCI subsystems. If IIC takes precedence the associated pins become IIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com