전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 975 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 975 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 971Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 972Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 973Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 974Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 975Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 976Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 977Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 978Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 979Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 975 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
975
Chapter 24
DG128 Port Integration Module (S12XDG128PIMV2)
Introduction
The S12XD family port integration module (below referred to as PIM) establishes the interface between
the peripheral modules including the non-multiplexed external bus interface module (S12X_EBI) and the
I/O pins for all ports. It controls the electrical pin properties as well as the signal prioritization and
multiplexing on shared pins.
This document covers the description of:
•
Port A, B
•
Port E associated with the IRQ, XIRQ interrupt inputs
•
Port K
•
Port T connected to the Enhanced Capture Timer (ECT) module
•
Port S associated with 2 SCI and 1 SPI modules
•
Port M associated with 2 MSCAN modules and 1 SCI module
•
Port P connected to the PWM and 1 SPI module — inputs can be used as an external interrupt
source
•
Port H associated with 2 SCI modules — inputs can be used as an external interrupt source
•
Port J associated with 1 MSCAN, 1 SCI, and 1 IIC module — inputs can be used as an external
interrupt source
•
Port AD1 associated with one 16-channel ATD module
Most I/O pins can be configured by register bits to select data direction and drive strength, to enable and
select pull-up or pull-down devices. Interrupts can be enabled on specific pins resulting in status flags.
The I/O’s of 2 MSCAN and 2 SPI modules can be routed from their default location to alternative port
pins.
NOTE
The implementation of the PIM is device dependent. Therefore some
functions are not available on certain derivatives or80-pin package options.
24.0.1
Features
A full-featured PIM module includes these distinctive registers:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com