전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 1070 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 1070 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 1066Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1067Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1068Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1069Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1070Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1071Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1072Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1073Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1074Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1070 / 1350 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1070
Freescale Semiconductor
25.6.1
Unsecuring the MCU in Special Single Chip Mode using BDM
Before the MCU can be unsecured in special single chip mode, the EEPROM memory must be erased
using the following method :
•
Reset the MCU into special single chip mode, delay while the erase test is performed by the BDM
secure ROM, send BDM commands to disable protection in the EEPROM module, and execute a
mass erase command write sequence to erase the EEPROM memory.
After the CCIF flag sets to indicate that the EEPROM mass operation has completed and assuming that the
Flash memory has also been erased, reset the MCU into special single chip mode. The BDM secure ROM
will verify that the Flash and EEPROM memory are erased and will assert the UNSEC bit in the BDM
status register. This BDM action will cause the MCU to override the Flash security state and the MCU will
be unsecured. Once the MCU is unsecured, BDM commands will be enabled and the Flash security byte
may be programmed to the unsecure state.
25.7
Resets
25.7.1
EEPROM Reset Sequence
On each reset, the EEPROM module executes a reset sequence to hold CPU activity while loading the
EPROT register from the EEPROM memory according to Table 25-1.
25.7.2
Reset While EEPROM Command Active
If a reset occurs while any EEPROM command is in progress, that command will be immediately aborted.
The state of a word being programmed or the sector / block being erased is not guaranteed.
25.8
Interrupts
The EEPROM module can generate an interrupt when all EEPROM command operations have completed,
when the EEPROM address, data, and command buffers are empty.
NOTE
Vector addresses and their relative interrupt priority are determined at the
MCU level.
Table 25-10. EEPROM Interrupt Sources
Interrupt Source
Interrupt Flag
Local Enable
Global (CCR) Mask
EEPROM address, data, and command buffers empty
CBEIF
(ESTAT register)
CBEIE
(ECNFG register)
I Bit
All EEPROM commands completed
CCIF
(ESTAT register)
CCIE
(ECNFG register)
I Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com