전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 1101 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 1101 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 1097Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1098Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1099Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1100Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1101Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1102Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1103Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1104Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1101 / 1350 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1101
26.4.2.6
Sector Modify Command
The sector modify operation will erase both words in a sector of EEPROM memory followed by a
reprogram of the addressed word using an embedded algorithm.
An example flow to execute the sector modify operation is shown in Figure 26-23. The sector modify
command write sequence is as follows:
1. Write to an EEPROM memory address to start the command write sequence for the sector modify
command. The EEPROM address written determines the sector to be erased and word to be
reprogrammed while byte address bit 0 is ignored.
2. Write the sector modify command, 0x60, to the ECMD register.
3. Clear the CBEIF flag in the ESTAT register by writing a 1 to CBEIF to launch the sector erase
command.
If an EEPROM sector to be modified is in a protected area of the EEPROM memory, the PVIOL flag in
the ESTAT register will set and the sector modify command will not launch. Once the sector modify
command has successfully launched, the CCIF flag in the ESTAT register will set after the sector modify
operation has completed unless a new command write sequence has been buffered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com