| 전자부품 데이터시트 검색엔진 |
|
STEVAL-SILKT01 데이터시트(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVAL-SILKT01 데이터시트(HTML) 16 Page - STMicroelectronics |
|
16 / 31 page ![]() Figure 19. STEVAL-SILKTA01 circuit schematic (19 of 21) VDD_IN VDD_IS O OUT1 IN1_IS O IN1 OUT1_IS O GND GND_IS O VDD_IN VDD_IS O OUT2 IN2_IS O IN2 OUT2_IS O GND GND_IS O U34 S TIS O621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 U35 S TIS O621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 Figure 20. STEVAL-SILKTA01 circuit schematic (20 of 21) VDD_IN VDD_IS O OUT1 IN1_IS O IN1 OUT1_IS O GND GND_IS O VDD_IN VDD_IS O OUT2 IN2_IS O IN2 OUT2_IS O GND GND_IS O U36 S TIS O621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 U37 S TIS O621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 |