전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-SILKT01 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 STEVAL-SILKT01
상세설명  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SILKT01 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button STEVAL-SILKT01 Datasheet HTML 21Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 22Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 23Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 24Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 25Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 26Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 27Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 28Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Figure 30. STEVAL-SILKTB01 circuit schematic (9 of 12)
VDD_IN
VDD_ISO
OUT1
IN1_ISO
IN1
OUT1_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT2
IN2_ISO
IN2
OUT2_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT3
IN3_ISO
IN3
OUT3_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT4
IN4_ISO
IN4
OUT4_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT5
IN5_ISO
IN5
OUT5_ISO
GND
GND_ISO
U14
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U15
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U13
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U16
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U17
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31