전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STMPE2401TBR 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STMPE2401TBR
상세설명  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401TBR 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STMPE2401TBR Datasheet HTML 10Page - STMicroelectronics STMPE2401TBR Datasheet HTML 11Page - STMicroelectronics STMPE2401TBR Datasheet HTML 12Page - STMicroelectronics STMPE2401TBR Datasheet HTML 13Page - STMicroelectronics STMPE2401TBR Datasheet HTML 14Page - STMicroelectronics STMPE2401TBR Datasheet HTML 15Page - STMicroelectronics STMPE2401TBR Datasheet HTML 16Page - STMicroelectronics STMPE2401TBR Datasheet HTML 17Page - STMicroelectronics STMPE2401TBR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
I2C Interface
STMPE2401
14/55
6
I2C Interface
The features that are supported by the I2C interface are as below:
●
I2C Slave device
●
SDAT and SCLK operates from 1.8V to 3.3V
●
Compliant to Philip I2C specification version 2.1
●
Supports Standard (up to 100kbps) and Fast (up to 400kbps) modes.
●
7-bit device addressing mode
●
General Call
●
Start/Restart/Stop
●
Address up to 4 STMPE2401 devices via I2C
The address is selected by the state of two pins. The state of the pins will be read upon
reset and then the pins can be configured for normal operation. The pins will have a pull-up
or down to set the address. The I2C interface module allows the connected host system to
access the registers in the STMPE2401.
6.1
Start condition
A Start condition is identified by a falling edge of SDATA while SCLK is stable at high state.
A Start condition must precede any data/command transfer. The device continuously
monitors for a Start condition and will not respond to any transaction unless one is
encountered.
6.2
Stop condition
A Stop condition is identified by a rising edge of SDATA while SCLK is stable at high state.
A Stop condition terminates communication between the slave device and bus master. A
read command that is followed by NoAck can be followed by a Stop condition to force the
slave device into idle mode. When the slave device is in idle mode, it is ready to receive the
next I2C transaction. A Stop condition at the end of a write command stops the write
operation to registers.
6.3
Acknowledge bit (ACK)
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter
releases the SDATA after sending eight bits of data. During the ninth bit, the receiver pulls
the SDATA low to acknowledge the receipt of the eight bits of data. The receiver may leave
the SDATA in high state if it would to not acknowledge the receipt of the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com