전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STMPE2401TBR 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 STMPE2401TBR
상세설명  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401TBR 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button STMPE2401TBR Datasheet HTML 35Page - STMicroelectronics STMPE2401TBR Datasheet HTML 36Page - STMicroelectronics STMPE2401TBR Datasheet HTML 37Page - STMicroelectronics STMPE2401TBR Datasheet HTML 38Page - STMicroelectronics STMPE2401TBR Datasheet HTML 39Page - STMicroelectronics STMPE2401TBR Datasheet HTML 40Page - STMicroelectronics STMPE2401TBR Datasheet HTML 41Page - STMicroelectronics STMPE2401TBR Datasheet HTML 42Page - STMicroelectronics STMPE2401TBR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
STMPE2401
PWM commands
39/55
In order to enable a PWM channel, the programming sequence below should be observed.
●
The ENx of the PWMCS register should be kept in ‘0’. By default, it has a value of ‘0’.
●
Loads the instructions into the PWM channel x by writing the corresponding PWMICx.
●
The PWM channel x has a 64-word depth (16-bit width). Any instructions of size less
than or equal to 64 words can be loaded into the channel. Any attempt to load beyond
64 words will result in internal address pointer to roll-over (0x1f
◊ 0x00) and the excess
instructions to be over-written into the first address location of the channel and
onwards.
●
After the instructions are loaded in, then, the PWM channel x can be enabled by setting
a ‘1’ to the ENx bit.
●
Enables the corresponding interrupt mask bit to allow interruption to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55