전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8580AGEFT 데이터시트(PDF) 88 Page - Wolfson Microelectronics plc

부품명 WM8580AGEFT
상세설명  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WOLFSON [Wolfson Microelectronics plc]
홈페이지  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFT 데이터시트(HTML) 88 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFT Datasheet HTML 84Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 85Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 86Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 87Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 88Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 89Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 90Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 91Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 92Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
88
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:4
Reserved
-
Reserved for additional de-emphasis modes.
7:6
CHSTMODE
[1:0]
-
00 = Only valid mode for consumer applications.
R45
SPDRXCHAN 2
2Dh
7:0
CATCODE
[7:0]
-
Category Code. Refer to S/PDIF specification for details.
00h indicates “general” mode.
3:0
SRCNUM
[3:0]
-
Indicates S/PDIF source number.
5:4
CHNUM1[1:0]
-
Channel number for sub-frame 1.
00 = Take no account of channel number (channel 1 defaults to
left DAC)
01 = channel 1 to left channel
10 = channel 1 to right channel
R46
SPDRXCHAN 3
2Eh
7:6
CHNUM2[1:0]
Channel number for sub-frame 2.
00 = Take no account of channel number (channel 2 defaults to
left DAC)
01 = channel 2 to left channel
10 = channel 2 to right channel
3:0
FREQ[3:0]
-
Sampling Frequency Indicated
Refer to S/PDIF specification IEC60958-3 for details.
0001 = Sampling Frequency not indicated.
R47
SPDRXCHAN 4
2Fh
5:4
CLKACU[1:0]
-
Clock Accuracy of received clock.
00 = Level II
01 = Level I
10 = Level III
11 = Interface frame rate not matched to sampling frequency.
0
MAXWL
-
Maximum Audio sample word length
0 = 20 bits
1 = 24 bits
Audio Sample Word Length.
000: Word Length Not Indicated
RXWL[2:0]
MAXWL==1
MAXWL==
0
001
20 bits
16 bits
010
22 bits
18 bits
100
23 bits
19 bits
101
24 bits
20 bits
110
21 bits
17 bits
3:1
RXWL[2:0]
-
All other combinations are reserved and may give erroneous
operation. Data will be truncated internally when these bits are set
unless WL_MASK is set.
R48
SPDRXCHAN 5
30h
7:4
ORGSAMP
[3:0]
-
Original Sampling Frequency. See S/PDIF specification for details.
0000 = original sampling frequency not indicated
0
AUDIO_N
-
Linear PCM Identification
0 = Data word represents audio PCM samples.
1 = Data word does not represent audio PCM samples.
R49
SPDSTAT
31h
1
PCM_N
-
Indicates that non-audio code (defined in IEC-61937) has been
detected.
0 = Sync code not detected.
1 = Sync code detected – received data is not audio PCM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com