전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8580AGEFT 데이터시트(PDF) 18 Page - Wolfson Microelectronics plc

부품명 WM8580AGEFT
상세설명  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WOLFSON [Wolfson Microelectronics plc]
홈페이지  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFT 데이터시트(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFT Datasheet HTML 14Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 15Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 16Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 17Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 18Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 19Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 20Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 21Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
18
CONTROL INTERFACE OPERATION
Control of the WM8580 is implemented either in Hardware Control Mode or Software Control Mode.
The method of control is determined by the state of the HWMODE pin. If the HWMODE pin is low,
Software Control Mode is selected. If the HWMODE pin is high, Hardware Control Mode is selected.
The Software Control Interface is described below and Hardware Control Mode is described on page
70
Software control is implemented with a 3-wire (3-wire write, 4-wire read, SPI compatible) or 2-wire
read/write serial interface.
The interface configuration is determined by the state of the SWMODE pin. If the SWMODE pin is
low, the 2-wire configuration is selected. If SWMODE is high the 3-wire SPI compatible configuration
is selected.
HWMODE
SWMODE
0
1
0
1
Software Control
Hardware Control
2-wire control
3-wire control
Table 8 Hardware/Software Mode Setup
The control interface is 5V tolerant, meaning that the control interface input signals CSB, SCLK and
SDIN may have an input high level of 5V while DVDD is 3V. Input thresholds are determined by
DVDD.
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE WITH READ-BACK
SDIN is used to program data, SCLK is used to clock in the program data and CSB is used to latch
the program data. SDIN is sampled on the rising edge of SCLK. The 3-wire interface write protocol is
shown in Figure 6.
Figure 6 3-Wire SPI Compatible Interface
1.
A[6:0] are Control Address Bits
2.
D[8:0] are Control Data Bits
3.
CSB is edge sensitive – the data is latched on the rising edge of CSB.
REGISTER READ-BACK
Not all registers can be read. Only the device ID (registers R0, R1 and R2) and the status
registers can be read. These status registers are labelled as “read only” in the Register Map
section.
The read-only status registers can be read back via the SDO pin. To enable readback the READEN
control register bit must be set. The status registers can then be read using one of two methods,
selected by the CONTREAD register bit.
Each time a read operation is performed after any write operation, the first read result may contain
corrupt data. To ensure correct operation, the first read result should be ignored and a second read
operation carried out. Subsequent register reads are unaffected until further register writes are
performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com