| 전자부품 데이터시트 검색엔진 |
|
MB96F348CSAPQC-GE2 데이터시트(PDF) 45 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPQC-GE2 데이터시트(HTML) 45 Page - fujitsu semiconductor |
|
45 / 159 page ![]() Preliminary Specification MB96300 FME/EMDC- 2007-02-12 MB96300_shortspec.fm 45 13 P04_5 J General purpose I/O PPG4 Programmable Pulse Generator 4 output SCL0 I2C interface 0 clock I/O 14 P06_0 K General purpose I/O AN0 A/D converter inputs SCK5 USART 5 Serial clock IN2_R Input Capture Unit relocated input pin SEG49 LCD controller / driver segment outputs 15 P06_1 K General purpose I/O AN1 A/D converter inputs SOT5 USART 5 Serial data output IN3_R Input Capture Unit relocated input pin SEG50 LCD controller / driver segment outputs 16 P06_2 K General purpose I/O AN2 A/D converter input INT5 External interrupt input SIN5 USART 5 Serial input data SEG51 LCD controller / driver segment output 17 P06_3 K General purpose I/O AN3 A/D converter input FRCK0 Free Running Timer 0 clock input SEG52 LCD controller / driver segment output PIN DESCRIPTION FOR MB96(F)38X Pin no. Pin name Circuit type Function MB96(F)38x LQFP120*1 |