| 전자부품 데이터시트 검색엔진 |
|
MB96F348CSAPQC-GE2 데이터시트(PDF) 26 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPQC-GE2 데이터시트(HTML) 26 Page - fujitsu semiconductor |
|
26 / 159 page ![]() MB96300 Series Preliminary Specification 26 FME/EMDC- 2007-02-12 MB96300_shortspec.fm 73810 59 P03_5 H General purpose IO HAKX External bus interface hold acknowledge output OUT5 Output Compare Unit OCU5 waveform output 74911 60 P03_6 H General purpose IO RDY External bus interface external wait state request OUT6 Output Compare Unit OCU6 waveform output 75 10 12 61 P03_7 H General purpose IO CLK External bus interface clock output pin OUT7 Output Compare Unit OCU7 waveform output pin 24,25 11, 12 13, 14 19, 20 46, 47 P04_0, P04_1 H General purpose IO (only for devices with S-suffix) X0A, X1A B Oscillator input pins for sub- clock (only for devices without S-suffix) 19 16 18 16 41 P04_2 H General purpose IO IN6 Input Capture Unit ICU6 data sample input RX1 CAN1 Interface RX input (not available on MB96F3xxA, MB96F3xxC) INT9_R Relocated external interrupt request input pin for INT9 TTG6/ TTG14 Programmable Pulse Generators PPG6 and PPG14 trigger PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x Pin no. Pin name Circuit type Function MB9632 x MB9634x MB9635 x MB9636 x LQFP80*5 LQFP100*2 QFP100*1 LQFP64*3 LQFP48*4 |