| 전자부품 데이터시트 검색엔진 |
|
MB96F348CSAPMC-GE2 데이터시트(PDF) 27 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPMC-GE2 데이터시트(HTML) 27 Page - fujitsu semiconductor |
|
27 / 159 page ![]() Preliminary Specification MB96300 FME/EMDC- 2007-02-12 MB96300_shortspec.fm 27 21 17 19 17 40 P04_3 H General purpose IO IN7 Input Capture Unit ICU7 data sample input TTG7/ TTG15 Programmable Pulse Generators PPG7 and PPG15 trigger TX1 CAN1 Interface TX Output pin (not available on MB96F3xxA, MB96F3xxC) 66 18 20 52 45 P04_4 N General purpose IO FRCK0 Free Running Timer 0 input SDA0 I2C 0 interface serial data I/O TIN0_R Reload Timer 0 event relocated input pin 67 19 21 53 35 P04_5 N General purpose IO SCL0 I2C 0 interface serial clock I/ O FRCK1 Free Running Timer 1 input TIN2_R Reload Timer 2 event relocated input pin 20 22 P04_6 N General purpose IO SDA1 I2C 1 interface serial data I/O 21 23 P04_7 N General purpose IO SCL1 I2C 1 interface serial clock I/ O PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x Pin no. Pin name Circuit type Function MB9632 x MB9634x MB9635 x MB9636 x LQFP80*5 LQFP100*2 QFP100*1 LQFP64*3 LQFP48*4 |