| 전자부품 데이터시트 검색엔진 |
|
MB96F348CSAPMC-GE2 데이터시트(PDF) 30 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPMC-GE2 데이터시트(HTML) 30 Page - fujitsu semiconductor |
|
30 / 159 page ![]() MB96300 Series Preliminary Specification 30 FME/EMDC- 2007-02-12 MB96300_shortspec.fm 841 438 10 P06_7 I General purpose IO AN7 A/D converter analog input PPG7 Programmable Pulse Generator output 18 43 45 P07_0 I General purpose IO AN16 A/D converter analog input INT0 External interrupt INT0 request input NMI Non-Maskable Interrupt NMI input 944 46 P07_1 I General purpose IO AN17 to AN20 A/D converter analog input INT1 to INT4 External interrupt INT1 to INT4 request input 45 to 47 47 to 49 P07_2 to P07_4 I General purpose IO AN18to AN20 A/D converter analog input INT2 to INT4 External interrupt INT2 to INT4 request input 48 50 P07_5 I General purpose IO AN21 A/D converter analog input INT5 External interrupt INT5 request input SCK9_R Relocated USART9 serial clock I/O (not available on MB96F348H/T) PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x Pin no. Pin name Circuit type Function MB9632 x MB9634x MB9635 x MB9636 x LQFP80*5 LQFP100*2 QFP100*1 LQFP64*3 LQFP48*4 |