전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI7C8150B 데이터시트(PDF) 39 Page - Pericom Semiconductor Corporation

부품명 PI7C8150B
상세설명  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150B 데이터시트(HTML) 39 Page - Pericom Semiconductor Corporation

Back Button PI7C8150B Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 43Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 39 of 108
APRIL 2006 – Revision 2.02
The delayed transaction queue is full, and the transaction cannot be queued.
A transaction with the same address and command has been queued.
A locked sequence is being propagated across PI7C8150B, and the write transaction is
not a locked transaction.
The target bus is locked and the write transaction is a locked transaction.
Use more than 16 clocks to accept this transaction.
For delayed read transactions:
The transaction is being entered into the delayed transaction queue.
The read request has already been queued, but read data is not yet available.
Data has been read from target, but it is not yet at head of the read data queue or a
posted write transaction precedes it.
The delayed transaction queue is full, and the transaction cannot be queued.
A delayed read request with the same address and bus command has already been
queued.
A locked sequence is being propagated across PI7C8150B, and the read transaction is
not a locked transaction.
PI7C78150B is currently discarding previously pre-fetched read data.
The target bus is locked and the write transaction is a locked transaction.
Use more than 16 clocks to accept this transaction.
For posted write transactions:
The posted write data buffer does not have enough space for address and at least one
DWORD of write data.
A locked sequence is being propagated across PI7C8150B, and the write transaction is
not a locked transaction.
When a target retry is returned to the initiator of a delayed transaction, the initiator
must repeat the transaction with the same address and bus command as well as the data
if it is a write transaction, within the time frame specified by the master timeout value.
Otherwise, the transaction is discarded from the buffers.
3.8.4.2
TARGET DISCONNECT
PI7C8150B returns a target disconnect to an initiator when one of the following conditions
is met:
PI7C8150B hits an internal address boundary.
06-0044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More