전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT596PWR 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74ACT596PWR
상세설명  SN74ACT596 8-Bit Shift Register With Open-Drain Output Registers And TTLCompatible Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT596PWR 데이터시트(HTML) 4 Page - Texas Instruments

  SN74ACT596PWR Datasheet HTML 1Page - Texas Instruments SN74ACT596PWR Datasheet HTML 2Page - Texas Instruments SN74ACT596PWR Datasheet HTML 3Page - Texas Instruments SN74ACT596PWR Datasheet HTML 4Page - Texas Instruments SN74ACT596PWR Datasheet HTML 5Page - Texas Instruments SN74ACT596PWR Datasheet HTML 6Page - Texas Instruments SN74ACT596PWR Datasheet HTML 7Page - Texas Instruments SN74ACT596PWR Datasheet HTML 8Page - Texas Instruments SN74ACT596PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage range
-0.5
7
V
VI
Input voltage range(2)
-0.5
VCC + 0.5V
V
VO
Open-drain output voltage range(2)
-0.5
7
V
VO
Push-pull output voltage range(2)
-0.5
VCC + 0.5V
V
IIK
Input clamp current
VI < -0.5V or VI > VCC + 0.5V
±20
mA
IOK
Open-drain output clamp current
VO < -0.5V
-50
mA
IOK
Push-pull output clamp current
VO < -0.5V or VO > VCC + 0.5V
±50
mA
IO
Open-drain continuous output current
VO = 0 to VCC
50
mA
IO
Push-pull continuous output current
VO = 0 to VCC
±50
mA
Continuous output current through VCC or GND
±200
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
-65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-Level input voltage
0.8
V
VI
Input Voltage
0
VCC
V
VO
Open-drain output voltage
0
5.5
V
VO
Push-pull output Voltage
0
VCC
V
IOH
High-level output current(1)
-24
mA
IOL
Low-level output current
24
mA
Δt/Δv
Input transition rise or fall rate
20
ns/V
TA
Operating free-air temperature
-40
125
°C
(1)
Applies to QH' output only.
5.4 Thermal Information
PACKAGE
PINS
THERMAL METRIC(1)
UNIT
RθJA
RθJC(top)
RθJB
ΨJT
ΨJB
RθJC(bot)
PW (TSSOP)
16
126.2
60.5
84.2
7.5
83.3
-
°C/W
SN74ACT596
SCASE35 – NOVEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74ACT596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com