전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT596PWR 데이터시트(PDF) 8 Page - Texas Instruments

부품명 SN74ACT596PWR
상세설명  SN74ACT596 8-Bit Shift Register With Open-Drain Output Registers And TTLCompatible Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT596PWR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74ACT596PWR Datasheet HTML 4Page - Texas Instruments SN74ACT596PWR Datasheet HTML 5Page - Texas Instruments SN74ACT596PWR Datasheet HTML 6Page - Texas Instruments SN74ACT596PWR Datasheet HTML 7Page - Texas Instruments SN74ACT596PWR Datasheet HTML 8Page - Texas Instruments SN74ACT596PWR Datasheet HTML 9Page - Texas Instruments SN74ACT596PWR Datasheet HTML 10Page - Texas Instruments SN74ACT596PWR Datasheet HTML 11Page - Texas Instruments SN74ACT596PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
VOH
VOL
Output
VCC
0 V
Input
tf
(1)
tr
(1)
90%
10%
90%
10%
tr
(1)
90%
10%
tf
(1)
90%
10%
(1) The greater between tr and tf is the same as tt.
Figure 6-7. Voltage Waveforms, Input and Output Transition Times
SN74ACT596
SCASE35 – NOVEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74ACT596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com