전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM170S12TDRB 데이터시트(PDF) 2 Page - StarPower Europe AG

부품명 DM170S12TDRB
상세설명  1200V/17mΩ SIC Mosfet without Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STARPOWER [StarPower Europe AG]
홈페이지  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

DM170S12TDRB 데이터시트(HTML) 2 Page - StarPower Europe AG

  DM170S12TDRB Datasheet HTML 1Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 2Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 3Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 4Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 5Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 6Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 7Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 8Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DM170S12TDRB
SiC MOSFET Discrete
©2024 STARPOWER Semiconductor Ltd.
8/28/2024
2/9
B02
Absolute Maximum Ratings T
C=25
oC unless otherwise noted
Mosfet
Symbol
Description
Value
Unit
VDSS
Drain-Source Voltage
1200
V
VGSSmax
Gate-Source Voltage
-8/+19
V
VGSSop
Gate-Source Voltage
-4/+15
V
ID
Drain Current @ Tvj=175
oC
118
A
PD
Maximum Power Dissipation @ Tvj=175
oC
355
W
Body Diode
Symbol
Description
Value
Unit
IF
Source Current@ Tvj=175
oC
157
A
Discrete
Symbol
Description
Values
Unit
Tjop
Operating Junction Temperature
-40 to +175
oC
TSTG
Storage Temperature Range
-55 to +150
oC
TS
Soldering Temperature,1.6mm from case for 10s
260
oC



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com