전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM170S12TDRB 데이터시트(PDF) 7 Page - StarPower Europe AG

부품명 DM170S12TDRB
상세설명  1200V/17mΩ SIC Mosfet without Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STARPOWER [StarPower Europe AG]
홈페이지  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

DM170S12TDRB 데이터시트(HTML) 7 Page - StarPower Europe AG

  DM170S12TDRB Datasheet HTML 1Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 2Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 3Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 4Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 5Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 6Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 7Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 8Page - StarPower Europe AG DM170S12TDRB Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DM170S12TDRB
SiC MOSFET Discrete
©2024 STARPOWER Semiconductor Ltd.
8/28/2024
7/9
B02
Fig 9. Switching Energy Loss vs. Tvj
Fig 10. Switching Energy Loss vs.VDS
Fig 11. Body Diode Characteristics
Fig 12. MOSFET Transient Thermal Impedance
0
1
2
3
4
5
6
7
25
50
75
100
125
150
175
T
vj [
oC]
Eon
Eoff
V
DS=800V
I
D=76A
R
Gon=6.8Ω
R
Goff=5.6Ω
V
GS=-4/+15V
0
0.8
1.6
2.4
3.2
4
4.8
5.6
6.4
600
650
700
750
800
V
DS [V]
Eon
Eoff
Erec
I
C=76A
R
Gon=6.8Ω
R
Goff=5.6Ω
V
GE=-4/+15V
T
vj=175
oC
0
30
60
90
120
150
0
1
2
3
4
5
6
V
SD [V]
Tvj=25℃
Tvj=175℃
V
GS=-4V
0.0001
0.001
0.01
0.1
1
0.000001
0.0001
0.01
1
t [s]
single pulse
D=0.01
D=0.02
D=0.05
D=0.1
D=0.2
D=0.5
i:
1
2
3
4
r
i[K/W]:
0.0170 0.0923 0.0904 0.0814
τ
i[s]:
0.0730 0.0081 0.0011 0.0002



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com