| 전자부품 데이터시트 검색엔진 |
|
TMPR4937 데이터시트(PDF) 481 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 데이터시트(HTML) 481 Page - Toshiba Semiconductor |
|
481 / 552 page ![]() Chapter 15 Interrupt Controller 15-35 Bit Mnemonic Field Name Explanation Read/Write 22 IS22 Interrupt Status 22 IRINTREQ [22] status This bit indicates the PCIERR error status. 1: Interrupt requests 0: No interrupt requests R 21 IS21 Interrupt Status 21 IRINTREQ [21] status This bit indicates the NDFMC interrupt status. 1: Interrupt requests 0: No interrupt requests R 20 ⎯ ⎯ Reserved ⎯ 19 IS19 Interrupt Status 19 IRINTREQ [19] status This bit indicates the TMR [2] interrupt status. 1: Interrupt requests 0: No interrupt requests R 18 IS18 Interrupt Status 18 IRINTREQ [18] status This bit indicates the TMR [1] interrupt status. 1: Interrupt requests 0: No interrupt requests R 17 IS17 Interrupt Status 17 IRINTREQ [17] status This bit indicates the TMR[0] interrupt status 1: Interrupt requests 0: No interrupt requests R 16 IS16 Interrupt Status 16 IRINTREQ [16] status This bit indicates the PCIC interrupt status 1: Interrupt requests 0: No interrupt requests R 15 IS15 Interrupt Status 15 IRINTREQ [15] status This bit indicates the PDMAC interrupt status. 1: Interrupt requests 0: No interrupt requests R 14 IS14 Interrupt Status 14 IRINTREQ [14] status This bit indicates the IRC interrupt status 1: Interrupt requests 0: No interrupt requests R 13 IS13 Interrupt Status 13 IRINTREQ [13] status This bit indicates the DMA [3] interrupt status 1: Interrupt requests 0: No interrupt requests R 12 IS12 Interrupt Status 12 IRINTREQ [12] status This bit indicates the status of DMA [2] interrupts. 1: Interrupt requests 0: No interrupt requests R 11 IS11 Interrupt Status 11 IRINTREQ [11] status This bit indicates the status of DMA [1] interrupts. 1: Interrupt requests 0: No interrupts requests R 10 IS10 Interrupt Status 10 IRINTREQ [10] status This bit indicates the status of DMA [0] interrupts. 1: Interrupt requests 0: No interrupt requests R Figure 15.4.14 Interrupt Source Status Register (2/3) |