| 전자부품 데이터시트 검색엔진 |
|
TMPR4937 데이터시트(PDF) 482 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 데이터시트(HTML) 482 Page - Toshiba Semiconductor |
|
482 / 552 page ![]() Chapter 15 Interrupt Controller 15-36 Bit Mnemonic Field Name Explanation Read/Write 9 IS9 Interrupt Status 9 IRINTREQ [9] status This bit indicates the status of SIO [1] interrupts. 1: Interrupt requests 0: No interrupt requests R 8 IS8 Interrupt Status 8 IRINTREQ [8] status This bit indicates the status of SIO [0] interrupts. 1: Interrupt requests 0: No interrupt requests R 7 IS7 Interrupt Status 7 IRINTREQ [7] status This bit indicates the status of external INT [5] interrupts. 1: Interrupt requests 0: No interrupt requests R 6 IS6 Interrupt Status 6 IRINTREQ [6] status This bit indicates the status of external INT [4] interrupts. 1: Interrupt requests 0: No interrupt requests R 5 IS5 Interrupt Status 5 IRINTREQ [5] status This bit indicates the status of external INT [3] interrupts. 1: Interrupt requests 0: No interrupt requests R 4 IS4 Interrupt Status 4 IRINTREQ [4] status This bit indicates the status of external INT [2] interrupts. 1: Interrupt requests 0: No interrupt requests R 3 IS3 Interrupt Status 3 IRINTREQ [3] status This bit indicates the status of external INT [1] interrupts. 1: Interrupt requests 0: No interrupt requests R 2 IS2 Interrupt Status 2 IRINTREQ [2] status This bit indicates the status of external INT [0] interrupts. 1: Interrupt requests 0: No interrupt requests R 1 IS1 Interrupt Status 1 IRINTREQ [1] status This bit indicates the status of TX49 Write Timeout Error interrupts. 1: Interrupt requests 0: No interrupt requests R 0 IS0 Interrupt Status 0 IRINTREQ [0] status This bit indicates the status of ECC Error interrupts. 1: Interrupt requests 0: No interrupt requests R Figure 15.4.14 Interrupt Source Status Register (3/3) |